Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4354AID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4354AID
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4354AID Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4354AID Datasheet HTML 6Page - Texas Instruments OPA4354AID Datasheet HTML 7Page - Texas Instruments OPA4354AID Datasheet HTML 8Page - Texas Instruments OPA4354AID Datasheet HTML 9Page - Texas Instruments OPA4354AID Datasheet HTML 10Page - Texas Instruments OPA4354AID Datasheet HTML 11Page - Texas Instruments OPA4354AID Datasheet HTML 12Page - Texas Instruments OPA4354AID Datasheet HTML 13Page - Texas Instruments OPA4354AID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Frequency (Hz)
10M
1M
100M
1G
100k
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
V = 0.1V
O
PP
G = +1
R = 25
F
W
G = +2
R = 604
F
W
2
1
3
4
0
-50
-60
-70
-80
-90
-100
Output Voltage (V
)
PP
G = 1
f = 1MHz
R = 200
-
W
L
2nd Harmonic
3rd Harmonic
Time (20ns/div)
Time (20ns/div)
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
-3
-6
-9
-12
-15
V = 0.1V
O
PP
G = +1
R = 25
F
W
G = +2, R = 604
F
W
G = +5, R = 604
F
W
G = +10, R = 604
F
W
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
-3
-6
-9
-12
-15
G = 1
-
G = 5
-
G = 10
-
G = 2
-
V = 0.1V
, R = 604
O
PP
F
W
10
OPA354, OPA2354, OPA4354
SBOS233F – MARCH 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA354 OPA2354 OPA4354
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
7.8 Typical Characteristics
At TA = 25°C, VS = 5 V, G = +1, RF = 0 Ω, RL = 1 kΩ, and connected to VS/2, unless otherwise noted.
Figure 1. Noninverting Small-Signal Frequency Response
Figure 2. Inverting Small-Signal Frequency Response
Figure 3. Noninverting Small-Signal Step Response
Figure 4. Noninverting Large-Signal Step Response
Figure 5. 0.1-dB Gain Flatness
Figure 6. Harmonic Distortion vs Output Voltage


Similar Part No. - OPA4354AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4354AID TI-OPA4354AID Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA4354AIDR TI-OPA4354AIDR Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4354AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com