Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS725KMA Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ACS725KMA
Description  High-Accuracy, Hall-Effect-Based Current Sensor IC with
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS725KMA Datasheet(HTML) 3 Page - Allegro MicroSystems

  ACS725KMA Datasheet HTML 1Page - Allegro MicroSystems ACS725KMA Datasheet HTML 2Page - Allegro MicroSystems ACS725KMA Datasheet HTML 3Page - Allegro MicroSystems ACS725KMA Datasheet HTML 4Page - Allegro MicroSystems ACS725KMA Datasheet HTML 5Page - Allegro MicroSystems ACS725KMA Datasheet HTML 6Page - Allegro MicroSystems ACS725KMA Datasheet HTML 7Page - Allegro MicroSystems ACS725KMA Datasheet HTML 8Page - Allegro MicroSystems ACS725KMA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
High-Accuracy, Hall-Effect-Based Current Sensor IC with
Common-Mode Field Rejection in High-Isolation SOIC16 Package
ACS725KMA
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
(Junction to Ambient)
RθJA
Mounted on the Allegro 85-0738 evaluation board with 700 mm2 of 4 oz.
copper on each side, connected to pins 1 and 2, and to pins 3 and 4, with
thermal vias connecting the layers. Performance values include the power
consumed by the PCB.
23
ºC/W
Package Thermal Resistance
(Junction to Lead)
RθJL
Mounted on the Allegro ASEK724 evaluation board.
5
ºC/W
*Additional thermal information available on the Allegro website.
ISOLATION CHARACTERISTICS
Characteristic
Symbol
Notes
Rating
Unit
Dielectric Strength Test Voltage
VISO
Agency type-tested for 60 seconds per UL 60950-1
(edition 2). Production tested at 3000 VRMS for 1 second,
in accordance with UL 60950-1 (edition 2).
4800
VRMS
Working Voltage for Basic Isolation
VWVBI
Maximum approved working voltage for basic (single)
isolation according to UL 60950-1 (edition 2).
1550
VPK
1097
VRMS or VDC
Working Voltage for Reinforced Isolation
VWVRI
Maximum approved working voltage for reinforced
isolation according to UL 60950-1 (edition 2).
800
VPK
565
VRMS or VDC
Clearance
Dcl
Minimum distance through air from IP leads to signal
leads.
7.5
mm
Creepage
Dcr
Minimum distance along package body from IP leads to
signal leads
8.2
mm
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
6
V
Reverse Supply Voltage
VRCC
–0.1
V
Output Voltage
VIOUT
VCC + 0.5
V
Reverse Output Voltage
VRIOUT
–0.1
V
Operating Ambient Temperature
TA
Range K
–40 to 125
°C
Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 165
°C
SPECIFICATIONS


Similar Part No. - ACS725KMA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS725 ALLEGRO-ACS725 Datasheet
629Kb / 19P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS725LMCTR-20AB-T ALLEGRO-ACS725LMCTR-20AB-T Datasheet
1Mb / 17P
   High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
More results

Similar Description - ACS725KMA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
   High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS723KMA ALLEGRO-ACS723KMA Datasheet
786Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor
ACS724LMC ALLEGRO-ACS724LMC Datasheet
1Mb / 17P
   High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
ACS722KMA ALLEGRO-ACS722KMA Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
   High-Accuracy Hall-Effect Transmission Speed Sensor IC
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com