Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4137P Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4137P
Description  LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4137P Datasheet(HTML) 3 Page - Texas Instruments

  OPA4137P Datasheet HTML 1Page - Texas Instruments OPA4137P Datasheet HTML 2Page - Texas Instruments OPA4137P Datasheet HTML 3Page - Texas Instruments OPA4137P Datasheet HTML 4Page - Texas Instruments OPA4137P Datasheet HTML 5Page - Texas Instruments OPA4137P Datasheet HTML 6Page - Texas Instruments OPA4137P Datasheet HTML 7Page - Texas Instruments OPA4137P Datasheet HTML 8Page - Texas Instruments OPA4137P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
®
OPA137, 2137, 4137
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
Supply Voltage, V+ to V– ..................................................................... 36V
Input Voltage ....................................................... (V–) –0.7V to (V+) +0.7V
Input Current ....................................................................................... 2mA
Output Short-Circuit(2) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ...................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum ratings for extended periods may affact device
reliability. (2) Short circuit to ground, one amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER(2)
MEDIA
Single
OPA137N
5-Lead SOT-23-5 Surface Mount
331
–40
°C to +85°C
E37(3)
OPA137N/250
Tape and Reel
""
"
"
"
OPA137N/3K
Tape and Reel
OPA137NA
5-Lead SOT-23-5 Surface Mount
331
–40
°C to +85°C
E37(3)
OPA137NA/250
Tape and Reel
""
"
"
"
OPA137NA/3K
Tape and Reel
OPA137U
SO-8 Surface Mount
182
–40
°C to +85°C
OPA137U
OPA137U
Rails
""
"
"
"
OPA137U/2K5
Tape and Reel
OPA137UA
SO-8 Surface Mount
182
–40
°C to +85°C
OPA137UA
OPA137UA
Rails
""
"
"
"
OPA137UA/2K5
Tape and Reel
OPA137P
8-Pin DIP
006
–40
°C to +85°C
OPA137P
OPA137P
Rails
OPA137PA
8-Pin DIP
006
–40
°C to +85°C
OPA137PA
OPA137PA
Rails
Dual
OPA2137E
MSOP-8 Surface Mount
337
–40
°C to +85°C
E37(3)
OPA2137E/250
Tape and Reel
""
"
"
"
OPA2137E/2K5
Tape and Reel
OPA2137EA
MSOP-8 Surface Mount
337
–40
°C to +85°C
E37(3)
OPA2137EA/250
Tape and Reel
""
"
"
"
OPA2137EA/2K5
Tape and Reel
OPA2137U
SO-8 Surface Mount
182
–40
°C to +85°C
OPA2137U
OPA2137U
Rails
""
"
"
"
OPA2137U/2K5
Tape and Reel
OPA2137UA
SO-8 Surface Mount
182
–40
°C to +85°C
OPA2137UA
OPA2137UA
Rails
""
"
"
"
OPA2137UA/2K5
Tape and Reel
OPA2137P
8-Pin DIP
006
–40
°C to +85°C
OPA2137P
OPA2137P
Rails
OPA2137PA
8-Pin DIP
006
–40
°C to +85°C
OPA2137PA
OPA2137PA
Rails
Quad
OPA4137U
SO-14 Surface Mount
235
–40
°C to +85°C
OPA4137U
OPA4137U
Rails
""
"
"
"
OPA4137U/2K5
Tape and Reel
OPA4137UA
SO-14 Surface Mount
235
–40
°C to +85°C
OPA4137UA
OPA4137UA
Rails
""
"
"
"
OPA4137UA/2K5
Tape and Reel
OPA4137P
14-Pin DIP
010
–40
°C to +85°C
OPA4137P
OPA4137P
Rails
OPA4137PA
14-Pin DIP
010
–40
°C to +85°C
OPA4137PA
OPA4137PA
Rails
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/) are
available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 3000 pieces of “OPA137NA/3K” will get a single
3000-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book. (3) Grade information is marked
on the reel.
PACKAGE/ORDERING INFORMATION
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no
responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product
for use in life support devices and/or systems.


Similar Part No. - OPA4137P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4137P BURR-BROWN-OPA4137P Datasheet
269Kb / 8P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4137P BURR-BROWN-OPA4137P Datasheet
198Kb / 9P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4137PA BURR-BROWN-OPA4137PA Datasheet
269Kb / 8P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4137PA BURR-BROWN-OPA4137PA Datasheet
198Kb / 9P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA4137P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA137 BURR-BROWN-OPA137 Datasheet
269Kb / 8P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4137 BURR-BROWN-OPA4137 Datasheet
198Kb / 9P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA137N-250 TI1-OPA137N-250 Datasheet
787Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA342 BURR-BROWN-OPA342 Datasheet
234Kb / 10P
   Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA342 BURR-BROWN-OPA342_06 Datasheet
322Kb / 13P
   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Analog Devices
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
   Low Cost JFET Input Operational Amplifiers
Rev. PrA
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com