Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS730 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ACS730
Description  1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS730 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ACS730 Datasheet HTML 2Page - Allegro MicroSystems ACS730 Datasheet HTML 3Page - Allegro MicroSystems ACS730 Datasheet HTML 4Page - Allegro MicroSystems ACS730 Datasheet HTML 5Page - Allegro MicroSystems ACS730 Datasheet HTML 6Page - Allegro MicroSystems ACS730 Datasheet HTML 7Page - Allegro MicroSystems ACS730 Datasheet HTML 8Page - Allegro MicroSystems ACS730 Datasheet HTML 9Page - Allegro MicroSystems ACS730 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
in Small Footprint SOIC8 Package
ACS730
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
xKLCTR-50AB PERFORMANCE CHARACTERISTICS
: Valid over full range of TA, VCC= 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit
NOMINAL PERFORMANCE
Current Sensing Range
IPR
–50
50
A
Sensitivity
Sens
40
mV/A
Zero Current Output Voltage
VIOUT(Q)
IP = 0 A, TA = 25°C
2.5
V
ACCURACY PERFORMANCE
Total Output Error2
ETOT
IP = 25 A; TA = 25°C to 125°C
–4
±3
4
%
IP = 25 A; TA = –40°C to 25°C
±5
%
IP = 50 A; TA = 25°C to 125°C
–5
±3
5
%
IP = 50 A; TA = –40°C to 25°C
±5
%
Sensitivity Error
Esens
IP = 25 A; TA = 25°C to 125°C
–2.5
±2
2.5
%
IP = 25 A; TA = –40°C to 25°C
±4
%
IP = 50 A; TA = 25°C to 125°C
–3.5
±3
3.5
%
IP = 50 A; TA = –40°C to 25°C
±5
%
Offset Voltage
VOE
IP = 0 A; TA = 25°C to 125°C
–40
±20
40
mV
IP = 0 A; TA = –40°C to 25°C
±30
mV
Nonlinearity
ELIN
IP within IPOA, TA = 25°C to 125°C
–2
±0.75
2
%
IP within IPOA, TA = –40°C to 25°C
±0.75
%
LIFETIME DRIFT CHARACTERISTICS
Total Output Error Lifetime Drift
Etot_drift
IP = 50 A
±1.5
%
Sensitivity Error Lifetime Drift
Esens_drift IP = 25 A
±1
%
Offset Voltage Lifetime Drift
Voff_drift
IP = 0 A
±20
mV
1
Typical values with ± are 3 sigma values, except for Lifetime Drift which are mean values.
2
Percentage of IP, output filtered.


Similar Part No. - ACS730

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732KLATR-20AB-T ALLEGRO-ACS732KLATR-20AB-T Datasheet
2Mb / 37P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732KLATR-40AB-T ALLEGRO-ACS732KLATR-40AB-T Datasheet
2Mb / 37P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732KLATR-65AB-T ALLEGRO-ACS732KLATR-65AB-T Datasheet
2Mb / 37P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732KLATR-65AU-T ALLEGRO-ACS732KLATR-65AU-T Datasheet
2Mb / 37P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
More results

Similar Description - ACS730

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS732KMA ALLEGRO-ACS732KMA Datasheet
2Mb / 22P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS725 ALLEGRO-ACS725 Datasheet
629Kb / 19P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
ACS773 ALLEGRO-ACS773 Datasheet
1Mb / 26P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS722 ALLEGRO-ACS722 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS726 ALLEGRO-ACS726 Datasheet
1Mb / 15P
   Galvanically Isolated Current Sensor IC With Differential Output and Externally Adjustable Gain
ACS772 ALLEGRO-ACS772 Datasheet
2Mb / 41P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com