Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS761 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS761
Description  12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS761 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS761 Datasheet HTML 1Page - Allegro MicroSystems ACS761 Datasheet HTML 2Page - Allegro MicroSystems ACS761 Datasheet HTML 3Page - Allegro MicroSystems ACS761 Datasheet HTML 4Page - Allegro MicroSystems ACS761 Datasheet HTML 5Page - Allegro MicroSystems ACS761 Datasheet HTML 6Page - Allegro MicroSystems ACS761 Datasheet HTML 7Page - Allegro MicroSystems ACS761 Datasheet HTML 8Page - Allegro MicroSystems ACS761 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
ACS761ELF-20B
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
Package
Packing*
ACS761ELFTR-20B-T
QSOP24 surface mount
2500 pieces/reel
*Contact Allegro for additional packing options
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Forward Voltage, IPx pins*
VCC
24
V
GATE Drive Output Voltage*
VGATE
32
V
FB+ Forward Voltage*
VFB+
24
V
EN Forward Voltage*
VEN
32
V
All Other Pins Forward Voltage
VIN
8V
Reverse DC Voltage, All Pins*
VR
–0.5
V
Reverse Transient DC Voltage, All Pins*
Vr
VIOUT to GND
–5
V
Current Sense Output Current Source
IVIOUT(Source)
1mA
Current Sense Output Current Sink
IVIOUT(Sink)
VCC to VIOUT
1
mA
Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 165
ºC
* With respect to GND.


Similar Part No. - ACS761

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS761ELF-20B ALLEGRO-ACS761ELF-20B Datasheet
382Kb / 14P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
ACS761ELFTR-20B-T ALLEGRO-ACS761ELFTR-20B-T Datasheet
382Kb / 14P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
More results

Similar Description - ACS761

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS760ELF-20B ALLEGRO-ACS760ELF-20B_13 Datasheet
587Kb / 15P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
ACS761ELF-20B ALLEGRO-ACS761ELF-20B Datasheet
382Kb / 14P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
ACS760ELF-20B ALLEGRO-ACS760ELF-20B Datasheet
784Kb / 15P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
   High-Accuracy, Hall-Effect-Based Current Sensor IC
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Allegro MicroSystems
ACS725KMA ALLEGRO-ACS725KMA Datasheet
787Kb / 17P
   High-Accuracy, Hall-Effect-Based Current Sensor IC with
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
logo
Texas Instruments
TPS2458 TI1-TPS2458_16 Datasheet
1Mb / 29P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC
TPS2458 TI-TPS2458 Datasheet
983Kb / 28P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC?
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com