Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS764 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS764
Description  Fully Integrated, Hall-Effect Based Current Sensor IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS764 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS764 Datasheet HTML 3Page - Allegro MicroSystems ACS764 Datasheet HTML 4Page - Allegro MicroSystems ACS764 Datasheet HTML 5Page - Allegro MicroSystems ACS764 Datasheet HTML 6Page - Allegro MicroSystems ACS764 Datasheet HTML 7Page - Allegro MicroSystems ACS764 Datasheet HTML 8Page - Allegro MicroSystems ACS764 Datasheet HTML 9Page - Allegro MicroSystems ACS764 Datasheet HTML 10Page - Allegro MicroSystems ACS764 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Fully Integrated, Hall-Effect Based Current Sensor IC with I2C
Digital Output and Low-Resistance Current Conductor
ACS764
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
I2C INTERFACE CHARACTERISTICS* Valid at an ambient temperature range of –20°C to 125°C and VCC = 3.3 V; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Bus Free Time Between Stop and Start
tBUF
1.3
μs
Hold Time Start Condition
thdSTA
0.6
μs
Setup Time for Repeated Start Condition
tsuSTA
0.6
μs
SCL Low Time
tLOW
1.3
μs
SCL High Time
tHIGH
0.6
μs
Data Setup Time
tsuDAT
100
ns
Data Hold Time
thdDAT
0
900
ns
Setup Time for Stop Condition
tsuSTO
0.6
μs
Logic Input Low Level (SDA, SCL pins)
VIL
−−
0.3×VCC
V
Logic Input High Level (SDA, SCL pins)
VIH
0.7×VCC
−−
V
Logic Input Current
IIN
VIN = 0 V to VCC
−1
1
μA
Output Voltage (SDA pin)
VOL
RPU = 1 kΩ, CB = 100 pF
−−
0.2 ×VCC
V
Logic Input Rise Time (SDA, SCL pins)
tr
−−
300
ns
Logic Input Fall time (SDA, SCL pins)
tf
−−
300
ns
SDA Output Rise Time
tr
RPU = 1 kΩ, CB = 100 pF
−−
300
ns
SDA Output Fall Time
tf
RPU = 1 kΩ, CB = 100 pF
−−
300
ns
Clock Frequency (SCL pin)
fCLK
−−
400
kHz
SDA and SCL Bus Pull-up Resistor
RPU
1
Total Capacitive Load for Each of SDA
and SCL Buses
CB
−−
100
pF
*I2C interface characteristics are ensured by designed but are not factory tested.
SDA
SCL
tsuSTA thdSTA
tsuDAT
thdDAT
tsuSTO
tBUF
tLOW
tr
tf
tr
tf
tHIGH
I2C Interface Timing Diagram


Similar Part No. - ACS764

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS760ELF-20B ALLEGRO-ACS760ELF-20B Datasheet
784Kb / 15P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor
ACS760ELF-20B ALLEGRO-ACS760ELF-20B Datasheet
587Kb / 15P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
ACS760ELF-20BTR-T ALLEGRO-ACS760ELF-20BTR-T Datasheet
784Kb / 15P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor
ACS760ELF-20B ALLEGRO-ACS760ELF-20B_13 Datasheet
587Kb / 15P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
ACS761 ALLEGRO-ACS761 Datasheet
377Kb / 14P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
More results

Similar Description - ACS764

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS715 ALLEGRO-ACS715_16 Datasheet
796Kb / 15P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS714 ALLEGRO-ACS714_16 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS758 ALLEGRO-ACS758_13 Datasheet
737Kb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
   High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com