Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS11205 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # APS11205
Description  High-Temperature Chopper-Stabilized PrecisionHall-Effect Switch for 5 V Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

APS11205 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button APS11205 Datasheet HTML 5Page - Allegro MicroSystems APS11205 Datasheet HTML 6Page - Allegro MicroSystems APS11205 Datasheet HTML 7Page - Allegro MicroSystems APS11205 Datasheet HTML 8Page - Allegro MicroSystems APS11205 Datasheet HTML 9Page - Allegro MicroSystems APS11205 Datasheet HTML 10Page - Allegro MicroSystems APS11205 Datasheet HTML 11Page - Allegro MicroSystems APS11205 Datasheet HTML 12Page - Allegro MicroSystems APS11205 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
High-Temperature Chopper-Stabilized Precision
Hall-Effect Switch for 5 V Applications
APS11205
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Amp
Clock/Logic
Hall Element
Low-Pass
Filter
A limiting factor for switchpoint accuracy when using Hall-effect
technology is the small-signal voltage developed across the Hall
plate. This voltage is proportionally small relative to the offset
that can be produced at the output of the Hall sensor. This makes
it difficult to process the signal and maintain an accurate, reliable
output over the specified temperature and voltage range. Chopper
stabilization is a proven approach used to minimize Hall offset.
The Allegro technique, dynamic quadrature offset cancellation,
removes key sources of the output drift induced by temperature
and package stress. This offset reduction technique is based on
a signal modulation-demodulation process. Figure 4: Model of
Chopper Stabilization Circuit (Dynamic Offset Cancellation)
illustrates how it is implemented.
The undesired offset signal is separated from the magnetically
induced signal in the frequency domain through modulation.
The subsequent demodulation acts as a modulation process for
the offset causing the magnetically induced signal to recover its
original spectrum at baseband while the DC offset becomes a
high-frequency signal. Then, using a low-pass filter, the signal
passes while the modulated DC offset is suppressed. Allegro’s
innovative chopper stabilization technique uses a high-frequency
clock. The high-frequency operation allows a greater sampling
rate that produces higher accuracy, reduced jitter, and faster sig-
nal processing. Additionally, filtering is more effective and results
in a lower noise analog signal at the sensor output. Devices such
as the A11205 that uses this approach have an extremely stable
quiescent Hall output voltage, are immune to thermal stress,
and have precise recoverability after temperature cycling. This
technique is made possible through the use of a BiCMOS process
which allows the use of low-offset and low-noise amplifiers in
combination with high-density logic and sample-and-hold circuits
Figure 4: Model of Chopper Stabilization Circuit
(Dynamic Offset Cancellation)
CHOPPER STABILIZATION


Similar Part No. - APS11205

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
APS11200 ALLEGRO-APS11200 Datasheet
1Mb / 14P
   High-Temperature Precision Hall-Effect Switch
APS11200LLHALT ALLEGRO-APS11200LLHALT Datasheet
1Mb / 14P
   High-Temperature Precision Hall-Effect Switch
APS11200LLHALX ALLEGRO-APS11200LLHALX Datasheet
1Mb / 14P
   High-Temperature Precision Hall-Effect Switch
APS11200LUAA ALLEGRO-APS11200LUAA Datasheet
1Mb / 14P
   High-Temperature Precision Hall-Effect Switch
More results

Similar Description - APS11205

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
APS12205 ALLEGRO-APS12205 Datasheet
441Kb / 12P
   High-Temperature Chopper-Stabilized Precision Hall-Effect Latches for 5 V Applications
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3230 ALLEGRO-A3230 Datasheet
478Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3230 ALLEGRO-A3230_06 Datasheet
362Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
logo
First Components Intern...
FUS5881 FCI-FUS5881 Datasheet
68Kb / 1P
   Chopper Stabilized, Hall-Effect Sensor(Switch)
logo
Allegro MicroSystems
A1126 ALLEGRO-A1126_16 Datasheet
775Kb / 14P
   Chopper-Stabilized Omnipolar Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com