Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS11205 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # APS11205
Description  High-Temperature Chopper-Stabilized PrecisionHall-Effect Switch for 5 V Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

APS11205 Datasheet(HTML) 3 Page - Allegro MicroSystems

  APS11205 Datasheet HTML 1Page - Allegro MicroSystems APS11205 Datasheet HTML 2Page - Allegro MicroSystems APS11205 Datasheet HTML 3Page - Allegro MicroSystems APS11205 Datasheet HTML 4Page - Allegro MicroSystems APS11205 Datasheet HTML 5Page - Allegro MicroSystems APS11205 Datasheet HTML 6Page - Allegro MicroSystems APS11205 Datasheet HTML 7Page - Allegro MicroSystems APS11205 Datasheet HTML 8Page - Allegro MicroSystems APS11205 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
High-Temperature Chopper-Stabilized Precision
Hall-Effect Switch for 5 V Applications
APS11205
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS: Valid over full operating voltage and TA = –40°C to 150°C, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit2
ELECTRICAL CHARACTERISTICS
Forward Supply Voltage
VCC
Operating, TJ < 175°C
2.8
5.5
V
Output Leakage Current
IOUTOFF
VOUT = 5.5 V, B < BRP
10
µA
Output Saturation Voltage
VOUT(SAT) IOUT = 5 mA, B > BOP
50
500
mV
Output Current
IOUT
Recommended value used during characterization
5
mA
Output Short-Circuit Current Limit
IOM
B > BOP
30
60
mA
Power-On Time3
tPO
VCC > 2.8 V, B < BRP(min) – 10 G,
B > BOP(max) + 10 G
25
µs
Power-On State, Output3
POS
VCC ≥ VCC(min), t < tPO
Low
Chopping Frequency
fC
800
kHz
Output Rise Time3,4
tr
RL = 1 kΩ, CL = 20 pF
0.2
2
µs
Output Fall Time3,4
tf
RL = 1 kΩ, CL = 20 pF
0.1
2
µs
Supply Current
ICC
VCC = 5.5 V
2
4
mA
MAGNETIC CHARACTERISTICS
Operate Point
BOP
35
50
G
Release Point
BRP
5
25
G
Hysteresis
BHYS
(BOP – BRP)
10
G
1
Typical data are are at TA = 25°C and VCC = 5 V, and are for initial design estimations only.
2
1 G (gauss) = 0.1 mT (millitesla).
3
Guaranteed by device design and characterization.
4
CL = oscilloscope probe capacitance.


Similar Part No. - APS11205

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
APS11200 ALLEGRO-APS11200 Datasheet
1Mb / 14P
   High-Temperature Precision Hall-Effect Switch
APS11200LLHALT ALLEGRO-APS11200LLHALT Datasheet
1Mb / 14P
   High-Temperature Precision Hall-Effect Switch
APS11200LLHALX ALLEGRO-APS11200LLHALX Datasheet
1Mb / 14P
   High-Temperature Precision Hall-Effect Switch
APS11200LUAA ALLEGRO-APS11200LUAA Datasheet
1Mb / 14P
   High-Temperature Precision Hall-Effect Switch
More results

Similar Description - APS11205

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
APS12205 ALLEGRO-APS12205 Datasheet
441Kb / 12P
   High-Temperature Chopper-Stabilized Precision Hall-Effect Latches for 5 V Applications
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3230 ALLEGRO-A3230 Datasheet
478Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3230 ALLEGRO-A3230_06 Datasheet
362Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
logo
First Components Intern...
FUS5881 FCI-FUS5881 Datasheet
68Kb / 1P
   Chopper Stabilized, Hall-Effect Sensor(Switch)
logo
Allegro MicroSystems
A1126 ALLEGRO-A1126_16 Datasheet
775Kb / 14P
   Chopper-Stabilized Omnipolar Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com