Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA3682 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA3682
Description  Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3682 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA3682 Datasheet HTML 4Page - Texas Instruments OPA3682 Datasheet HTML 5Page - Texas Instruments OPA3682 Datasheet HTML 6Page - Texas Instruments OPA3682 Datasheet HTML 7Page - Texas Instruments OPA3682 Datasheet HTML 8Page - Texas Instruments OPA3682 Datasheet HTML 9Page - Texas Instruments OPA3682 Datasheet HTML 10Page - Texas Instruments OPA3682 Datasheet HTML 11Page - Texas Instruments OPA3682 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
®
OPA3682
TYPICAL PERFORMANCE CURVES: VS = ±5V (Cont.)
G = +2 and RL = 100Ω, unless otherwise noted (see Figure 1).
–50
–60
–70
–80
–90
5MHz 2nd HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage Swing (Vp-p)
0.1
1
5
R
L = 500Ω
R
L = 200Ω
R
L = 100Ω
–50
–60
–70
–80
–90
5MHz 3rd HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage Swing (Vp-p)
0.1
1
5
R
L = 100Ω
R
L = 200Ω
R
L = 500Ω
–50
–60
–70
–80
–90
10MHz 2nd HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage Swing (Vp-p)
0.1
1
5
R
L = 100Ω
R
L = 200Ω
R
L = 500Ω
–50
–60
–70
–80
–90
10MHz 3rd HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage Swing (Vp-p)
0.1
1
5
R
L = 100Ω
R
L = 200Ω
R
L = 500Ω
–50
–60
–70
–80
–90
20MHz 2nd HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage Swing (Vp-p)
0.1
1
5
R
L = 100Ω
R
L = 200Ω
R
L = 500Ω
–50
–60
–70
–80
–90
Output Voltage Swing (Vp-p)
0.1
1
5
R
L = 100Ω
R
L = 200Ω
R
L = 500Ω
20MHz 3rd HARMONIC DISTORTION
vs OUTPUT VOLTAGE


Similar Part No. - OPA3682

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA3682 TI-OPA3682 Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3682 TI1-OPA3682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 TI1-OPA3682 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3682 TI1-OPA3682 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA3682

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com