Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4277-EP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4277-EP
Description  High Precision Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4277-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4277-EP Datasheet HTML 4Page - Texas Instruments OPA4277-EP Datasheet HTML 5Page - Texas Instruments OPA4277-EP Datasheet HTML 6Page - Texas Instruments OPA4277-EP Datasheet HTML 7Page - Texas Instruments OPA4277-EP Datasheet HTML 8Page - Texas Instruments OPA4277-EP Datasheet HTML 9Page - Texas Instruments OPA4277-EP Datasheet HTML 10Page - Texas Instruments OPA4277-EP Datasheet HTML 11Page - Texas Instruments OPA4277-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
100
10
20
50
±1
±10
±100
Gain (V/V)
0.01%
0.1%
1M
Frequency (Hz)
1k
10k
100k
30
25
20
15
10
5
0
V
S = ±15V
V
S = ±5V
15
Common-Mode Voltage (V)
–15
–10
–5
0
5
10
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
V
S = ±5V
V
S = ±15V
Curve shows normalized change in bias current
with respect to V
CM = 0V. Typical I B may range
from –05.nA to +0.5nA at V
CM = 0V.
1000
900
800
700
600
500
0
±5
±10
±15
±20
Supply Voltage (V)
per amplifier
–75
–50
–25
0
25
50
75
100
125
1000
950
900
850
800
750
700
650
600
550
500
100
90
80
70
60
50
40
30
20
10
0
Temperature (°C)
+I
SC
–I
SC
±I
Q
40
Supply Voltage (V)
0
5
10
15
20
25
30
35
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
Curve shows normalized change in
bias current with respect to V
S = ±10V
(+20V). Typical I
B may range from
–0.5nA to +0.5nA at V
S = ±10V.
V
CM = 0V
OPA4277-EP
SBOS714 – NOVEMBER 2014
www.ti.com
Typical Characteristics (continued)
At TJ = 25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
Figure 11. Quiescent Current and Short-Circuit Current vs
Figure 12. Change in Input Bias Current vs Power Supply
Temperature
Voltage
Figure 13. Change in Input Bias Current vs Common-Mode
Figure 14. Quiescent Current vs Supply Voltage
Voltage
10-V step
CL = 1500 pF
Figure 16. Maximum Output Voltage vs Frequency
Figure 15. Settling Time vs Closed-Loop Gain
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - OPA4277-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4277-EP TI-OPA4277-EP Datasheet
390Kb / 20P
[Old version datasheet]   OPA4277-EP High Precision Operational Amplifier
OPA4277-EP TI-OPA4277-EP Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
More results

Similar Description - OPA4277-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4277-SP TI1-OPA4277-SP Datasheet
357Kb / 21P
[Old version datasheet]   High-Precision Operational Amplifier
logo
Mitsumi Electronics, Co...
MM1278 MITSUMI-MM1278 Datasheet
62Kb / 3P
   High Precision Operational Amplifier
logo
Texas Instruments
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
[Old version datasheet]   HIGH-PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH118 LINER-RH118_15 Datasheet
103Kb / 4P
   Precision, High Speed Operational Amplifier
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
   PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
   HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
ADA4700-1 AD-ADA4700-1 Datasheet
140Kb / 10P
   High Voltage, Precision Operational Amplifier
Rev. PrB
logo
Linear Technology
RH118 LINER-RH118 Datasheet
158Kb / 4P
   Precision, High Speed Operational Amplifier
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com