Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA3690IDBQR Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA3690IDBQR
Description  Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3690IDBQR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA3690IDBQR Datasheet HTML 5Page - Texas Instruments OPA3690IDBQR Datasheet HTML 6Page - Texas Instruments OPA3690IDBQR Datasheet HTML 7Page - Texas Instruments OPA3690IDBQR Datasheet HTML 8Page - Texas Instruments OPA3690IDBQR Datasheet HTML 9Page - Texas Instruments OPA3690IDBQR Datasheet HTML 10Page - Texas Instruments OPA3690IDBQR Datasheet HTML 11Page - Texas Instruments OPA3690IDBQR Datasheet HTML 12Page - Texas Instruments OPA3690IDBQR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Frequency(Hz)
100
1M
100k
10k
1k
10M
100
10
1
VoltageNoise5.5nV/ÖHz
CurrentNoise3.1pA/ÖHz
Single-ToneLoadPower(dBm)
-8
-6
-4
-2
0
2
4
6
8
10
-30
-35
-40
-45
-50
-55
-60
-65
-70
-75
20MHz
10MHz
50MHz
LoadPoweratMatched50
Load,
W
seeFigure36
CapacitiveLoad(pF)
10
100
1000
80
70
60
50
40
30
20
10
0
Frequency(20MHz/div)
0
100
120
140
160
180
20
40
60
80
200
9
6
3
0
-3
-6
-9
402W
1kW
402W
RS
CL
VIN
VOUT
1/3
OPA3690
1k
isoptional.
W
C =22pF
L
C =47pF
L
C =100pF
L
C =10pF
L
G=+2
Time(50ns/div)
2.0
1.6
1.2
0.8
0.4
0
6
4
2
0
G=+2
V
=+1V
IN
V
DIS
OutputVoltage
Frequency(Hz)
Forward
Reverse
V
=0
DIS
100k
1M
10M
100M
-35
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
OPA3690
www.ti.com
SBOS237G – MARCH 2002 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 36 for ac performance only), unless otherwise noted.
INPUT VOLTAGE AND CURRENT
TWO-TONE, 3RD-ORDER
NOISE DENSITY
INTERMODULATION SPURIOUS
Figure 13.
Figure 14.
RECOMMENDED RS
FREQUENCY RESPONSE
vs CAPACITIVE LOAD
vs CAPACITIVE LOAD
Figure 15.
Figure 16.
LARGE-SIGNAL
DISABLE FEEDTHROUGH
ENABLE/DISABLE RESPONSE
vs FREQUENCY
Figure 17.
Figure 18.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA3690


Similar Part No. - OPA3690IDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA3690IDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com