Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA3691IDG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA3691IDG4
Description  Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3691IDG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA3691IDG4 Datasheet HTML 1Page - Texas Instruments OPA3691IDG4 Datasheet HTML 2Page - Texas Instruments OPA3691IDG4 Datasheet HTML 3Page - Texas Instruments OPA3691IDG4 Datasheet HTML 4Page - Texas Instruments OPA3691IDG4 Datasheet HTML 5Page - Texas Instruments OPA3691IDG4 Datasheet HTML 6Page - Texas Instruments OPA3691IDG4 Datasheet HTML 7Page - Texas Instruments OPA3691IDG4 Datasheet HTML 8Page - Texas Instruments OPA3691IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
www.ti.com
Triple Wideband, Current-Feedback
OPERATIONAL AMPLIFIER With Disable
FEATURES
q FLEXIBLE SUPPLY RANGE:
+5V to +12V Single-Supply
±2.5V to ±6V Dual Supply
q UNITY-GAIN STABLE: 280MHz (G = 1)
q HIGH OUTPUT CURRENT: 190mA
q OUTPUT VOLTAGE SWING:
±4.0V
q HIGH SLEW RATE: 2100V/
µs
q LOW SUPPLY CURRENT: 5.1mA/ch
q LOW DISABLED CURRENT: 150
µA/ch
q IMPROVED HIGH-FREQUENCY PINOUT
q WIDEBAND +5V OPERATION: 190MHz (G = +2)
APPLICATIONS
q RGB AMPLIFIERS
q WIDEBAND INA
q BROADBAND VIDEO BUFFERS
q HIGH-SPEED IMAGING CHANNELS
q PORTABLE INSTRUMENTS
q ADC BUFFERS
q ACTIVE FILTERS
q CABLE DRIVERS
DESCRIPTION
The OPA3691 sets a new level of performance for broad-
band, triple current-feedback op amps. Operating on a very
low 5.1mA/ch supply current, the OPA3691 offers a slew
rate and output power normally associated with a much
higher supply current. A new output stage architecture
delivers a high output current with minimal voltage head-
room and crossover distortion. This gives exceptional single-
supply operation. Using a single +5V supply, the OPA3691
can deliver a 1V to 4V output swing with over 120mA drive
current and 150MHz bandwidth. This combination of fea-
tures makes the OPA3691 an ideal RGB line driver or
single-supply Analog-to-Digital Converter (ADC) input driver.
The OPA3691’s low 5.1mA/ch supply current is precisely
trimmed at 25
°C. This trim, along with low drift over tem-
perature, ensures lower maximum supply current than com-
peting products. System power may be further reduced by
using the optional disable control pin. Leaving this disable
pin open, or holding it HIGH, gives normal operation. If
pulled LOW, the OPA3691 supply current drops to less than
150
µA/ch while the output goes into a high impedance
state. This feature may be used for power savings.
OPA3691
SBOS227E – DECEMBER 2001 – REVISED JULY 2008
www.ti.com
Copyright © 2001-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OPA3691 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage-Feedback
OPA690
OPA2690
OPA3690
Current-Feedback
OPA691
OPA2691
OPA3681
Fixed Gain
OPA692
OPA3692
66.5
High-Speed INA (120MHz)
499
499
301
301
1/3
OPA3691
1/3
OPA3691
1/3
OPA3691
V
1
10 (V
1 – V2)
V
2
+5V
–5V
+5V
–5V
+5V
–5V
250
250
OPA369
1
OPA3691
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
25
20
15
10
5
0
Frequency (MHz)
HIGH-SPEED INA FREQUENCY RESPONSE
0.1
1
10
100
400
All trademarks are the property of their respective owners.


Similar Part No. - OPA3691IDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3691ID BURR-BROWN-OPA3691ID Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691IDBQR BURR-BROWN-OPA3691IDBQR Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691IDBQRG4 BURR-BROWN-OPA3691IDBQRG4 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691IDBQT BURR-BROWN-OPA3691IDBQT Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691IDR BURR-BROWN-OPA3691IDR Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA3691IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA685 TI1-OPA685 Datasheet
371Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA648 BURR-BROWN-OPA648 Datasheet
166Kb / 11P
   ULTRA-WIDEBAND CURRENT FEEDBACK OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com