Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA358 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA358
Description  3V Single-Supply 80MHz High-Speed Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA358 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA358 Datasheet HTML 7Page - Texas Instruments OPA358 Datasheet HTML 8Page - Texas Instruments OPA358 Datasheet HTML 9Page - Texas Instruments OPA358 Datasheet HTML 10Page - Texas Instruments OPA358 Datasheet HTML 11Page - Texas Instruments OPA358 Datasheet HTML 12Page - Texas Instruments OPA358 Datasheet HTML 13Page - Texas Instruments OPA358 Datasheet HTML 14Page - Texas Instruments OPA358 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
OPA358
SB0S296C − MARCH 2004 − REVISED FEBRUARY 2005
www.ti.com
11
CAPACITIVE LOAD AND STABILITY
The OPA358 can drive a wide range of capacitive loads.
However, all op amps under certain conditions may
become unstable. Op amp configuration, gain, and load
value are just a few of the factors to consider when
determining stability. An op amp in unity-gain configuration
is most susceptible to the effects of capacitive loading. The
capacitive load reacts with the op amp output resistance,
along with any additional load resistance, to create a pole
in the small-signal response that degrades the phase
margin.
One method of improving capacitive load drive in the
unity-gain configuration is to insert a 10
Ω to 20Ω resistor
in series with the output, as shown in Figure 10. This
significantly reduces ringing with large capacitive loads.
However, if there is a resistive load in parallel with the
capacitive load, RS creates a voltage divider. This
introduces a DC error at the output and slightly reduces
output swing. This error may be insignificant. For instance,
with RL = 10k
Ω and RS =20Ω, there is only about a 0.2%
error at the output.
OPA358
V+
V
IN
V
OUT
C
L
R
L
R
S
To enable,
connect to V+
or drivewithlogic.
Figure 10. Series Resistor in Unity-Gain
Configuration Improves Capacitive Load Drive
WIDEBAND TRANSIMPEDANCE AMPLIFIER
Wide bandwidth, low input bias current, and low input
voltage and current noise make the OPA358 an ideal
wideband
photodiode
transimpedance
amplifier
for
low-voltage single-supply applications. Low-voltage noise
is important because photodiode capacitance causes the
effective noise gain of the circuit to increase at high
frequency.
The key elements to a transimpedance design, as shown
in Figure 11, are the expected diode capacitance
(including
the
parasitic
input
common-mode
and
differential-mode input capacitance (1.5 + 1.5)pF for the
OPA358), the desired transimpedance gain (RF), and the
Gain Bandwidth Product (GBW) for the OPA358 (80MHz).
With these 3 variables set, the feedback capacitor value
(CF) may be set to control the frequency response.
OPA358
V
OUT
R
F
10M
C
F
<1pF
(prevents gain peaking)
+V
λ
C
D
To enable,
connect to V+
or drive with logic.
Figure 11. Transimpedance Amplifier
To achieve a maximally flat 2nd-order Butterworth
frequency response, the feedback pole should be set to:
1
2
pR
FCF
+
GBW
4
pR
FCD
Typical
surface-mount
resistors
have
a
parasitic
capacitance of around 0.2pF that must be deducted from
the calculated feedback capacitance value.
Bandwidth is calculated by:
f*3dB +
GBW
2
pR
FCD
Hz
For even higher transimpedance bandwidth, the CMOS
OPA380 (90MHz GBW), OPA355 (200MHz GBW), or the
OPA655 (400MHz GBW) may be used.
(1)
(2)


Similar Part No. - OPA358

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA358 BURR-BROWN-OPA358 Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
OPA358 BURR-BROWN-OPA358 Datasheet
212Kb / 14P
   3V Single-Supply 80MHz High-Speed Op Amp in SC70
OPA358AIDCKR BURR-BROWN-OPA358AIDCKR Datasheet
212Kb / 14P
   3V Single-Supply 80MHz High-Speed Op Amp in SC70
OPA358AIDCKT BURR-BROWN-OPA358AIDCKT Datasheet
212Kb / 14P
   3V Single-Supply 80MHz High-Speed Op Amp in SC70
More results

Similar Description - OPA358

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA358 BURR-BROWN-OPA358 Datasheet
212Kb / 14P
   3V Single-Supply 80MHz High-Speed Op Amp in SC70
logo
Analog Devices
ADA4858-3 AD-ADA4858-3 Datasheet
468Kb / 16P
   Single-Supply, High Speed, Triple Op Amp with Charge Pump
REV. 0
ADA4858-3 AD-ADA4858-3_16 Datasheet
439Kb / 21P
   Single-Supply, High Speed, Triple Op Amp with Charge Pump
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
   Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
   Precision, Single Supply Op Amp?
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
   Precision, Single Supply Op Amp
LT1006 LINER-LT1006_02 Datasheet
292Kb / 16P
   Precision, Single Supply Op Amp
logo
National Semiconductor ...
CLC505 NSC-CLC505 Datasheet
735Kb / 12P
   High-Speed, Programmable-Supply Current, Monolithic Op Amp
MNCLC505A-X NSC-MNCLC505A-X Datasheet
106Kb / 16P
   HIGH-SPEED, PROGRAMMABLE-SUPPLY CURRENT, MONOLITHIC OP AMP
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com