Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2354AQDGKRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2354AQDGKRQ1
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2354AQDGKRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2354AQDGKRQ1 Datasheet HTML 5Page - Texas Instruments OPA2354AQDGKRQ1 Datasheet HTML 6Page - Texas Instruments OPA2354AQDGKRQ1 Datasheet HTML 7Page - Texas Instruments OPA2354AQDGKRQ1 Datasheet HTML 8Page - Texas Instruments OPA2354AQDGKRQ1 Datasheet HTML 9Page - Texas Instruments OPA2354AQDGKRQ1 Datasheet HTML 10Page - Texas Instruments OPA2354AQDGKRQ1 Datasheet HTML 11Page - Texas Instruments OPA2354AQDGKRQ1 Datasheet HTML 12Page - Texas Instruments OPA2354AQDGKRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Temperature (°C)
65
85
105
5
25
45
135
125
-55
-35
- 15
7
6
5
4
3
2
1
0
V
S = 5V
V
S = 2.5V
Output Current (mA)
75
50
25
125
100
150
175
200
0
5
4
3
2
1
0
25°C
-55°C
125°C
Temperature (°C)
65
85
105
5
25
45
135
125
- 55
-35
- 15
10k
1k
100
10
1
Output Current (mA)
60
40
20
80
100
120
0
3
2
1
0
125°C
25°C
–55°C
Frequency (Hz)
10
100
1k
100k
10k
1M
10M
1G
100M
180
160
140
120
100
80
60
40
20
0
-20
-40
Phase
Gain
Number of 150W Loads
3
2
4
1
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
dP
dG
9
OPA354A-Q1, OPA2354A-Q1, OPA4354-Q1
www.ti.com
SBOS492E – JUNE 2009 – REVISED AUGUST 2016
Product Folder Links: OPA354A-Q1 OPA2354A-Q1 OPA4354-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VS = 5 V, RF = 0 Ω, RL = 1 kΩ connected to VS / 2 (unless otherwise noted)
Figure 17. Open-Loop Gain and Phase
Figure 18. Composite Video Differential Gain and Phase
Figure 19. Input Bias Current vs Temperature
VS = 3 V
Figure 20. Output Voltage Swing vs Output Current
Figure 21. Supply Current vs Temperature
Figure 22. Output Voltage Swing vs
Output Current for VS = 5 V


Similar Part No. - OPA2354AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354AQDGKRQ1 TI1-OPA2354AQDGKRQ1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2354AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com