Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY500-600 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BY500-600
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BY500-600 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BY500-600 Datasheet HTML 1Page - Diode Semiconductor Korea BY500-600 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
25
0
0
50
S i ngl e P has e
Ha l f W a v e 6 0 H Z
R e s i s t i v e or
I nduc t i v e Lo ad
2
3
5
4
6
8
7
1 0 0
75
1 2 5
1 7 5
1 5 0
1
10
1
0.1
0.2
0.4
4
2
6
TJ=25
f=1MHz
20
40
60
100
200
20
4
2
10
100
40
0.6
0.8
1.0
1.2
1.4
1.6
0.1
0.4
1
4
10
20
40
100
TJ=25
Pulse Width=300uS
1.8
2.0
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(-)
(+ )
-1.0A
-0.25A
0
+0.5A
trr
1cm
FIG.5-- TYPICAL JUNCTION CAPACITANCE
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
FIG.3 --PEAK FORWARD SURGE CURRENT
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.2 --FORWARD DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
FIG.4--TYPICAL FORWARD CHARACTERISTIC
BY500-100(Z)---BY500-1000(Z)
SET TIMEBASEFOR50/100 ns /cm
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60 Hz
1
0
20
TJ=125
8.3ms Single Half
Sine-Wave
24
10
8100
40 60 80
25
75
125
175
100
50
150
200
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - BY500-600

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BY500-600 GE-BY500-600 Datasheet
44Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Diotec Semiconductor
BY500-600 DIOTEC-BY500-600 Datasheet
131Kb / 2P
   Fast Recovery Rectifier Diodes
logo
GOOD-ARK Electronics
BY500-600 GOOD-ARK-BY500-600 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Zibo Seno Electronic En...
BY500-600 ZSELEC-BY500-600 Datasheet
84Kb / 2P
   5.0A FAST RECOVERY DIODE
logo
Diotec Semiconductor
BY500-600 DIOTEC-BY500-600 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
More results

Similar Description - BY500-600

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com