Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD31G Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BYD31G
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BYD31G Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BYD31G Datasheet HTML 1Page - Diode Semiconductor Korea BYD31G Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Cas e:JEDEC DO--41,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.012ounces ,0.34 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,50Hz,res is tive or inductive load. For capacitive load,derate by 20%.
BYD
31K
BYD
31M
UNITS
Maximum recurrent peak reverse voltage
VRRM
800
1000
V
Maximum RMS voltage
VRMS
560
700
V
Maximum DC blocking voltage
VDC
800
1000
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
10ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
@ 0.5 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE: 1. Measured with I
F=0. 5A, IR=1A, I rr=0.25A.
3. Thermal resistance f rom junction to am bient.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
400
280
BYD31D(Z)---BYD31M(Z)
VOLTAGE RANGE: 200 --- 1000 V
CURRENT: 0.5 A
Eas ily cleaned with Freon Alcohol,Is opropanol and
s im ilar s olvents
FAST RECOVERY RECT IFIERS
DO - 41
200
BYD
31G
BYD
31J
600
140
BYD
31D
600
200
200
420
IFSM
IR
1.35
100.0
15.0
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
250
IF(AV)
-55 ---- + 150
12
A
A
5.0
A
55
0.5
- 55 ---- + 150
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - BYD31G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD31G PHILIPS-BYD31G Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
Galaxy Semi-Conductor H...
BYD31G BILIN-BYD31G Datasheet
59Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
BYD31G LUGUANG-BYD31G Datasheet
174Kb / 2P
   Fast Recovery Rectifiers
logo
Galaxy Semi-Conductor H...
BYD31GZ BILIN-BYD31GZ Datasheet
59Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - BYD31G

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com