Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX324AUD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # LMX324AUD
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX324AUD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button LMX324AUD Datasheet HTML 5Page - Maxim Integrated Products LMX324AUD Datasheet HTML 6Page - Maxim Integrated Products LMX324AUD Datasheet HTML 7Page - Maxim Integrated Products LMX324AUD Datasheet HTML 8Page - Maxim Integrated Products LMX324AUD Datasheet HTML 9Page - Maxim Integrated Products LMX324AUD Datasheet HTML 10Page - Maxim Integrated Products LMX324AUD Datasheet HTML 11Page - Maxim Integrated Products LMX324AUD Datasheet HTML 12Page - Maxim Integrated Products LMX324AUD Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Power Supplies and Layout
The LMX321/LMX358/LMX324 operate from a single
+2.3V to +7V power supply. Bypass the power supply
with a 0.1µF capacitor to ground as close to VCC as
possible.
Good layout techniques optimize performance by mini-
mizing the amount of stray capacitance at the op amp’s
inputs and outputs. Place external components close to
the op amp to minimize trace lengths and stray capaci-
tance.
Chip Information
LMX321 TRANSISTOR COUNT: 88
LMX358 TRANSISTOR COUNT: 175
LMX324 TRANSISTOR COUNT: 349
PROCESS: Bipolar
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
10
______________________________________________________________________________________
Selector Guide
4
µs/div
VOUT
1V/div
VCC
2V/div
Figure 6. Power-Up/Power-Down Waveform
PART
AMPLIFIERS PER
PACKAGE
TOP MARK
LMX321AXK-T
1
ACP
LMX321AUK-T
1
ADSQ
LMX358AKA-T
2
AAIR
LMX358ASA
2
LMX358AUA
2
LMX324ASD
4
LMX324AUD
4
RISO
CL
LMX321
LMX358
LMX324
Figure 5. Capacitive-Load-Driving Circuit With Isolation
Resistor


Similar Part No. - LMX324AUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX324AUD MAXIM-LMX324AUD Datasheet
509Kb / 15P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
More results

Similar Description - LMX324AUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
302Kb / 7P
   Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
logo
Linear Technology
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Texas Instruments
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com