Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL4749 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # DL4749
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

DL4749 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  DL4749 Datasheet HTML 1Page - Diode Semiconductor Korea DL4749 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nominal
zener
voltage 1)
Test
current
Vz@IZT
IZT
IZT@ZZT
ZZK@IZK
(V)
(mA)
(Ω)(Ω)
DL
4728
3.3
76
10
400
DL
4729
3.6
69
10
400
DL
4730
3.9
64
9
400
DL
4731
4.3
58
9
400
DL
4732
4.7
53
8
500
DL
4733
5.1
49
7
550
DL
4734
5.6
45
5
600
DL
4735
6.2
41
2
700
DL
4736
6.8
37
3.5
700
DL
4737
7.5
34
4.0
700
DL
4738
8.2
31
4.5
700
DL
4739
9.1
28
5.0
700
DL
4740
10
25
7
700
DL
4741
11
23
8
700
DL
4742
12
21
9
700
DL
4743
13
19
10
700
DL
4744
15
17
14
700
DL
4745
16
15.5
16
700
DL
4746
18
14
20
750
DL
4747
20
12.5
22
750
DL
4748
22
11.5
23
750
DL
4749
24
10.5
25
750
DL
4750
27
9.5
35
750
DL
4751
30
8.5
40
1000
DL
4752
33
7.5
45
1000
DL
4753
36
7.0
50
1000
DL
4754
39
6.5
60
1000
DL
4755
43
6.0
70
1500
DL
4756
47
5.5
80
1500
DL
4757
51
5.0
95
1500
DL
4758
56
4.5
110
2000
DL
4759
62
4.0
125
2000
DL
4760
68
3.7
150
2000
DL
4761
75
3.3
175
2000
DL
4762
82
3.0
200
3000
DL
4763
91
2.8
250
3000
DL
4764
100
2.5
350
3000
45
41
27.4
125
22.8
170
1)Based on dc_measurem ent at theral equilibrium while m aitaining the lead temperature (T
L) at 30
+1 ,9.5mm (3/8")f rom the Diode body .
2)Valid prov ided that electrodes at a distance of 10 m m f orm case kept at am bient temperature.
*)Additionnal measurem ent of v oltage gruup 9v 1 to 75 at 95% V
ZMIN
35nA at T
J25
0.5
1.0
1.0
1.0
1.0
0.5
0.5
IZK
(m A)
1.0
100
515.2
5
5
57
0.25
5
13.7
250
50
0.25
5
12.2
285
61
0.25
5
9.9
344
69
0.25
5
304
11.4
83
59.1
380
76
58.4
414
29.7
115
95
19
32.7
110
35.8
0.25
5
0.25
5
0.25
5
5
25.1
135
150
225
16.7
205
20.6
18.2
730
660
970
4
890
2
3
1
810
1260
1190
1070
1
1
1
1380
1
1.0
1.0
1.0
100
50
10
10
10
10
10
10
10
10
38
34
30
10
605
190
1
550
500
454
27
25
23
22
121
110
100
91
234
133
217
193
178
462
146
ELECTRICAL CHARACTERISTICS (TA=25 )
Type
Max surge
current
8.3ms
Maximum
regulator
current 2)
I
ZM @Tamb
=50
I
R@Tamb
=25
1.0
0.25
0.25
0.25
0.25
0.25
0.25
0.25
10
252
Maximum dynamic impedance
IR
(μA)
@VR
(mA)
(mA)
Maximum reverse
leakage current
276
(V)
0.25
0.25
5
0.25
5
5
6
7
7.6
5
18
0.25
5
42.6
80
16
0.25
5
38.8
90
14
0.25
5
51.7
65
13
0.25
5
47.1
70
12
0.25
5
62.2
55
11
0.25
5
56.0
60
0.25
5
69.2
50
0.25
5
7
9.0
45
10
9
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - DL4749

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4749 MCC-DL4749 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
logo
Galaxy Semi-Conductor H...
DL4749 BILIN-DL4749 Datasheet
195Kb / 3P
   ZENER DIODES
logo
Shenzhen Luguang Electr...
DL4749 LUGUANG-DL4749 Datasheet
192Kb / 3P
   Zener Diodes
logo
Micro Commercial Compon...
DL4749 MCC-DL4749 Datasheet
260Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4749 MCC-DL4749 Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
More results

Similar Description - DL4749

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com