Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3125L30DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3125L30DBVR
Description  ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3125L30DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3125L30DBVR Datasheet HTML 6Page - Texas Instruments TPS3125L30DBVR Datasheet HTML 7Page - Texas Instruments TPS3125L30DBVR Datasheet HTML 8Page - Texas Instruments TPS3125L30DBVR Datasheet HTML 9Page - Texas Instruments TPS3125L30DBVR Datasheet HTML 10Page - Texas Instruments TPS3125L30DBVR Datasheet HTML 11Page - Texas Instruments TPS3125L30DBVR Datasheet HTML 12Page - Texas Instruments TPS3125L30DBVR Datasheet HTML 13Page - Texas Instruments TPS3125L30DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2.5
2
1
0
0
50
100
150
3.5
4
4.5
200
250
300
3
1.5
0.5
VDD − Threshold Overdrive − mV
MR = Open
VIT = 2.64 V
TA = 25°C
TPS312xL30
1.002
1.001
0.999
−40
−20
0
20
40
1.005
60
80
1.004
1.003
1
0.998
TA − Free-Air Temperature − °C
TPS312xL30
2
1.5
1
0
0
50
100
150
2.5
3
3.5
200
250
300
0.5
VDD − Threshold Overdrive − mV
MR = Open
VIT = 1.08 V
TA = 25°C
TPS312xJ12
TPS3123-xx
TPS3124-xx, TPS3125-xx
TPS3126-xx, TPS3128-xx
SLVS227E
– AUGUST 1999 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
NORMALIZED INPUT THRESHOLD VOLTAGE
MINIMUM PULSE DURATION
vs
vs
FREE-AIR TEMPERATURE
THRESHOLD OVERDRIVE
Figure 13.
Figure 14.
MINIMUM PULSE DURATION
vs
THRESHOLD OVERDRIVE
Figure 15.
10
Copyright
© 1999–2011, Texas Instruments Incorporated


Similar Part No. - TPS3125L30DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3125L30DBVR TI-TPS3125L30DBVR Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3125L30DBVR TI-TPS3125L30DBVR Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3125L30DBVRG4 TI-TPS3125L30DBVRG4 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS3125L30DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3125L30DBVTG4 TI-TPS3125L30DBVTG4 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX_08 Datasheet
409Kb / 19P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J12 TI-TPS3123J12 Datasheet
229Kb / 13P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com