Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1130EPRSMR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EPRSMR
Description  11.7 Gbps Transceiver with Modulator Driver
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EPRSMR Datasheet(HTML) 3 Page - Texas Instruments

  ONET1130EPRSMR Datasheet HTML 1Page - Texas Instruments ONET1130EPRSMR Datasheet HTML 2Page - Texas Instruments ONET1130EPRSMR Datasheet HTML 3Page - Texas Instruments ONET1130EPRSMR Datasheet HTML 4Page - Texas Instruments ONET1130EPRSMR Datasheet HTML 5Page - Texas Instruments ONET1130EPRSMR Datasheet HTML 6Page - Texas Instruments ONET1130EPRSMR Datasheet HTML 7Page - Texas Instruments ONET1130EPRSMR Datasheet HTML 8Page - Texas Instruments ONET1130EPRSMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
1
3
2
4
9
11
10
12
21
22
23
24
29
30
31
32
RXIN-
RXIN+
25
26
27
28
MONB
RX_LOS
5
7
6
8
NC
TXIN-
TXIN+
17
18
19
20
13
15
14
16
GND
PD
MONP
GND
GND
SDA
SCK
GND
COMP
EP
ONET1130EP
www.ti.com
SLLSEO4A – JUNE 2015 – REVISED JULY 2015
5 Description (continued)
The ONET1130EP contains internal analog to digital and digital to analog converters to support transceiver
management and eliminate the need for special purpose microcontrollers.
The transceiver is characterized for operation from –40°C to 100°C case temperatures and is available in a small
footprint 4mm × 4mm, 32 pin RoHS compliant VQFN package.
6 Pin Configuration and Function
RSM PACKAGE
32 PIN VQFN
(TOP VIEW)
Pin Functions
NUMBER
NAME
Type
DESCRIPTION
Output amplitude control. Output amplitude can be adjusted by applying a voltage of
AMP
16
Analog-in
0 to 2 V to this pin. Leave open when not used.
BIAS
10
Analog
Sinks or sources the bias current for the laser in both APC and open loop modes.
Compensation pin used to control the bandwidth of the APC loop. Connect a 0.01-µF
COMP
23
Analog
capacitor to ground.
GND
3, 6, 19, 22
Supply
Circuit ground.
MONB
2
Analog-out
Bias current monitor.
MONP
8
Analog-out
Photodiode current monitor.
NC
1, 9, 25
Do not connect.
PD
7
Analog
Photodiode input. Pin can source or sink current dependent on register setting.
Disables the receiver output buffer when set to a high level. Includes a 250-k
Ω pull-
RX_DIS
26
Digital-in
up resistor to VCC. Ground the pin to enable the output. This is an ORed function
with the RXOUT_DIS bit (bit 6 in register 4). This pin is 3.3-V tolerant.
Receiver loss of signal. High level indicates that the receiver input signal amplitude is
RX_LOS
24
Digital-out
below the programmed threshold level. Open drain output. Requires an external 4.7-
k
Ω to 10-kΩ pull-up resistor to VCC for proper operation. This pin is 3.3-V tolerant.
Non-inverted receiver data input. On-chip differentially 100
Ω terminated to RXIN–.
RXIN+
20
Analog-in
Must be AC coupled.
Inverted receiver data input. On-chip differentially 100
Ω terminated to RXIN+. Must
RXIN-
21
Analog-in
be AC coupled.
RXOUT–
28
CML-out
Inverted receiver data output. 45
Ω back-terminated to VCC.
RXOUT+
29
CML-out
Non-inverted data output. 45
Ω back-terminated to VCC.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ONET1130EP


Similar Part No. - ONET1130EPRSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1130EC TI1-ONET1130EC Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMR TI1-ONET1130ECRSMR Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMT TI1-ONET1130ECRSMT Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
More results

Similar Description - ONET1130EPRSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1130EC TI1-ONET1130EC Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
logo
OKI electronic componet...
KGL4115HW-R OKI-KGL4115HW-R Datasheet
139Kb / 7P
   11.1 Gbps Modulator Driver IC
KGL4115F OKI-KGL4115F Datasheet
64Kb / 5P
   10 Gbps EA Modulator Driver IC
logo
Analog Devices
ADN2849 AD-ADN2849 Datasheet
1Mb / 10P
   10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
ADN2849 AD-ADN2849_15 Datasheet
1Mb / 17P
   10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
logo
Texas Instruments
ONET1151M TI-ONET1151M Datasheet
1Mb / 27P
[Old version datasheet]   11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
logo
Qorvo, Inc
TGA4826-SM QORVO-TGA4826-SM Datasheet
389Kb / 1P
   10 Vpp 15 Gbps Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4826-SM TRIQUINT-TGA4826-SM Datasheet
389Kb / 1P
   10 Vpp 15 Gbps Optical Modulator Driver
logo
Agere Systems
LG1626DXC AGERE-LG1626DXC Datasheet
264Kb / 10P
   LG1626DXC Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com