Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1131EC Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1131EC
Description  Externally Modulated Laser Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1131EC Datasheet(HTML) 6 Page - Texas Instruments

Back Button ONET1131EC Datasheet HTML 2Page - Texas Instruments ONET1131EC Datasheet HTML 3Page - Texas Instruments ONET1131EC Datasheet HTML 4Page - Texas Instruments ONET1131EC Datasheet HTML 5Page - Texas Instruments ONET1131EC Datasheet HTML 6Page - Texas Instruments ONET1131EC Datasheet HTML 7Page - Texas Instruments ONET1131EC Datasheet HTML 8Page - Texas Instruments ONET1131EC Datasheet HTML 9Page - Texas Instruments ONET1131EC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
ONET1131EC
SLLSEQ6 – SEPTEMBER 2016
www.ti.com
Product Folder Links: ONET1131EC
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
RSM (VQFN)
UNIT
32 PINS
RθJA
Junction-to-ambient thermal resistance
37.2
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
30.1
°C/W
RθJB
Junction-to-board thermal resistance
7.8
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
7.6
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
2.4
°C/W
(1)
The bias current can be set below the specified minimum according to the corresponding register setting; however, in closed loop
operation settings below the specified value may trigger a fault.
6.5 DC Electrical Characteristics
Over recommended operating conditions, open loop operation, VOUT = 2 VPP single-ended, I(BIAS) = 80 mA, unless otherwise
noted. Typical operating condition is at VCC = 2.5 V and TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.37
2.5
2.63
V
IVCC
Supply current in single-ended TX
mode with CDRs enabled
TXMODE = 1, TXCDR_DIS = 0, TX VOUT = 2
VPP single-ended, I(BIAS) = 0 mA
158
193
mA
Power dissipation in single-ended TX
mode with CDRs enabled
380
508
mW
Supply current in differential TX mode
with CDRs enabled
TXMODE = 0, TXCDR_DIS = 0, TX VOUT = 2
VPP single-ended, I(BIAS) = 0 mA
197
237
mA
Power dissipation in differential TX
mode with CDRs enabled
493
623
mW
Supply current in single-ended TX
mode with CDRs disabled
TXMODE = 1, TXCDR_DIS = 1, TX VOUT = 2
VPP single-ended, I(BIAS) = 0 mA
119
193
mA
Power dissipation in single-ended TX
mode with CDRs disabled
298
376
mW
Supply current in differential TX mode
with CDRs disabled
TXMODE = 0, TXCDR_DIS = 1, TX VOUT = 2
VPP single-ended, I(BIAS) = 0 mA;
164
200
mA
Power dissipation in differential TX
mode with CDRs disabled
410
526
mW
R(IN)
Data input resistance
Differential between DIN+ / DIN–
100
Ω
Data input termination mismatch
5%
R(OUT)
Ooutput resistance
Single-ended at OUT+ or OUT–
60
Ω
Digital input current
DIS pull up to VCC
–20
20
µA
VOH
Digital output high voltage
LOL, FLT pull-up to VCC,
ISOURCE = 37.5 μA
2.1
V
VOL
Digital output low voltage
LOL, FLT pull-up to VCC,
ISINK = 350 μA
0.4
V
I(BIAS-MIN)
Minimum bias current
See (1)
5
mA
I(BIAS-MAX)
Maximum bias current
Source. BIASPOL = 0, DAC set to maximum,
open and closed loop
145
150
mA
Sink. BIASPOL = 1, DAC set to maximum,
open and closed loop
95
100
mA
I(BIAS-DIS)
Bias current during disable
100
µA
Average power stability
APC loop enabled
±0.5
dB
Bias pin compliance voltage
Source. TXBIASPOL = 0
VCC - 0.45
V
Sink. TXBIASPOL = 1
0.45
V
Temperature sensor accuracy
With 1-point external mid-scale calibration
±3
°C


Similar Part No. - ONET1131EC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1130EC TI1-ONET1130EC Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMR TI1-ONET1130ECRSMR Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMT TI1-ONET1130ECRSMT Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130EP TI1-ONET1130EP Datasheet
2Mb / 55P
[Old version datasheet]   11.7 Gbps Transceiver with Modulator Driver
ONET1130EPRSMR TI1-ONET1130EPRSMR Datasheet
2Mb / 55P
[Old version datasheet]   11.7 Gbps Transceiver with Modulator Driver
More results

Similar Description - ONET1131EC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
3998 EMCORE-3998_16 Datasheet
627Kb / 7P
   Externally-Modulated Transmitter
MEDALLION6000 EMCORE-MEDALLION6000 Datasheet
459Kb / 7P
   Externally-Modulated Transmitter
I-TYPE EMCORE-I-TYPE Datasheet
819Kb / 6P
   Externally-Modulated Transmitter
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com