Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3513 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3513
Description  PC POWER SUPPLY SUPERVISORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3513 Datasheet(HTML) 5 Page - Texas Instruments

  TPS3513 Datasheet HTML 1Page - Texas Instruments TPS3513 Datasheet HTML 2Page - Texas Instruments TPS3513 Datasheet HTML 3Page - Texas Instruments TPS3513 Datasheet HTML 4Page - Texas Instruments TPS3513 Datasheet HTML 5Page - Texas Instruments TPS3513 Datasheet HTML 6Page - Texas Instruments TPS3513 Datasheet HTML 7Page - Texas Instruments TPS3513 Datasheet HTML 8Page - Texas Instruments TPS3513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TPS3513
www.ti.com
SLVS313B – FEBRUARY 2001 – REVISED SEPTEMBER 2010
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
FPO
3
O
Inverted fault protection output, open-drain, output stage.
A low level indicates that the fault is not latched, while floating indicates that the fault is latched.
GND
2
Ground
IS12
5
I
12-V overcurrent protection
IS5
8
I
5-V overcurrent protection
IS33
9
I
3.3-V overcurrent protection
NC
7
No internal connection
PGI
1
I
Power-good input.
A low level indicates that power is not good, while a high (>1.2V) indicates that power is good.
PGO
14
O
Power-good output, open drain output stage.
A low level indicates that power is not good, while floating indicates that power is good.
PSON
4
I
On/off control.
Pull low to enable the PC Power Supply; float to disable it.
RI
6
I
Current sense setting
VDD
13
I
Supply voltage
VS12
10
I
12-V overvoltage/undervoltage protection
VS33
11
I
3.3-V overvoltage protect/undervoltage detect
VS5
12
I
5-V overvoltage protect/undervoltage detect
DETAILED DESCRIPTION
Power-Good and Power-Good Delay
A PC power supply is commonly designed to provide a power-good signal, which is defined by the computer
manufacturers. PGO is a power-good signal and should be asserted high by the PC power supply to indicate that
the 5-VDC and 3.3-VDC outputs are above the undervoltage threshold limit. At this time the converter should be
able to provide enough power to assure continuous operation within the specification. Conversely, when either
the 5-VDC or the 3.3-VDC output voltages fall below the undervoltage threshold, or when main power has been
removed for a sufficiently long time so that power supply operation is no longer assured, PGO should be
deasserted to a low state.
The power-good (PGO), DC enable (PSON), and the 5-V/3.3-V supply rails are shown in Figure 3.
Figure 3. Timing of PSON and PGO
Although there is no requirement to meet specific timing parameters, the following signal timings are
recommended:
2 ms
≤ t2 ≤ 20 ms, 100 ms < t3 < 2000 ms, t4 > 1 ms, t5 ≤ 10 ms
Furthermore, motherboards should be designed to comply with the above recommended timing. If timings other
than these are implemented or required, this information should be clearly specified.
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS3513


Similar Part No. - TPS3513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3513 TI-TPS3513 Datasheet
266Kb / 15P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3513D TI-TPS3513D Datasheet
266Kb / 15P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3513DR TI-TPS3513DR Datasheet
266Kb / 15P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3513N TI-TPS3513N Datasheet
266Kb / 15P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - TPS3513

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com