Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8501V Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ONET8501V
Description  11.3 Gbps Differential VCSEL Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET8501V Datasheet(HTML) 8 Page - Texas Instruments

Back Button ONET8501V Datasheet HTML 4Page - Texas Instruments ONET8501V Datasheet HTML 5Page - Texas Instruments ONET8501V Datasheet HTML 6Page - Texas Instruments ONET8501V Datasheet HTML 7Page - Texas Instruments ONET8501V Datasheet HTML 8Page - Texas Instruments ONET8501V Datasheet HTML 9Page - Texas Instruments ONET8501V Datasheet HTML 10Page - Texas Instruments ONET8501V Datasheet HTML 11Page - Texas Instruments ONET8501V Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
BIAS CURRENT GENERATION AND APC LOOP
ANALOG REFERENCE AND TEMPERATURE SENSOR
POWER-ON RESET
ONET8501V
SLLS837B – JUNE 2007 – REVISED SEPTEMBER 2007
The bias current generation and APC loop are controlled by means of the 2-wire interface. In open loop
operation, selected by setting OLENA = 1 (bit 4 of register 0) the bias current is set directly by the 8-bit wide
control word BIASC[0..7] (register 2). In automatic power control mode, selected by setting OLENA = 0, the bias
current depends on the register settings BIASC[0..7] and the coupling ratio (CR) between the VCSEL bias
current and the photodiode current. CR = IBIAS-VCSEL/ IPD.
Three photodiode current ranges can be selected by means of the PDRNG[1..0] bits (register 0). The photodiode
range should be chosen to keep the laser bias control DAC, BIASC[0..7], close to the center of its range. This
keeps the laser bias current set point resolution high.
For details regarding the bias current setting in open- as well as in closed-loop mode, see Table 16.
In closed-loop mode, the photodiode polarity bit, PDPOL (bit 0 of register 0), must be set for common-anode or
common-cathode configuration to ensure proper operation.
The ONET8501V VCSEL driver is supplied by a single 3.3V10% supply voltage connected to the VCC pins. This
voltage is referred to ground (GND).
On-chip bandgap voltage circuitry generates a reference voltage, independent of the supply voltage, from which
all other internally required voltages and bias currents are derived.
An external zero temperature coefficient resistor must be connected from the RZTC pin of the device to ground
(GND). This resistor is used to generate a precise, zero-TC current which is required as a reference current for
the on-chip DACs.
In order to minimize the module component count, the ONET8501V provides an on-chip temperature sensor.
The output voltage of the temperature sensor is available at the TS pin. Due to the die temperature of the 8501V
and for high accuracy applications, the use of an external temperature sensor may be required. However, in
order to improve the part-to-part accuracy of the sensor, the offset voltage and temperature slope can be
adjusted through the 2-wire interface. The offset voltage can be adjusted by means of the TSSH[0..3] bits
(register 10) and the direction of the offset can be set by the sign bit TSHSGN (bit 4 of register 10). The
temperature slope can be adjusted by means of the TSSL[0..3] bits (register 11) and the sign bit TSLSGN (bit 4
of register 11).
The temperature sensor can be disabled by setting TSDIS = 1 (bit 1 of register 9).
The ONET8501V has power on reset circuitry which ensures that all registers are reset to zero during startup.
After the power-on to initialize time (tINIT1), the internal registers are ready to be loaded. The part is ready to
transmit data after the initialize to transmit time (tINIT2), assuming that the chip enable bit ENA is set to 1 and the
disable pin DIS is low.
The ONET8501V can be disabled using either the ENA control register bit or the disable pin DIS. In both cases
the internal registers are not reset. After the disable pin DIS is set low and/or the enable bit ENA is set back to 1,
the part returns to its prior output settings.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ONET8501V


Similar Part No. - ONET8501V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501V TI-ONET8501V Datasheet
846Kb / 28P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET8501V TI1-ONET8501V Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET8501VRGPR TI1-ONET8501VRGPR Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET8501VRGPRG4 TI1-ONET8501VRGPRG4 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET8501VRGPT TI1-ONET8501VRGPT Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
More results

Similar Description - ONET8501V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
logo
Analog Devices
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
logo
Texas Instruments
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET8501V TI-ONET8501V Datasheet
846Kb / 28P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
logo
Integrated Device Techn...
HXT8204 IDT-HXT8204 Datasheet
253Kb / 2P
   4 Channel 28 Gbps VCSEL Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com