Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3307-25DGNRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS3307-25DGNRG4
Description  TRIPLE PROCESSOR SUPERVISORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3307-25DGNRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3307-25DGNRG4 Datasheet HTML 1Page - Texas Instruments TPS3307-25DGNRG4 Datasheet HTML 2Page - Texas Instruments TPS3307-25DGNRG4 Datasheet HTML 3Page - Texas Instruments TPS3307-25DGNRG4 Datasheet HTML 4Page - Texas Instruments TPS3307-25DGNRG4 Datasheet HTML 5Page - Texas Instruments TPS3307-25DGNRG4 Datasheet HTML 6Page - Texas Instruments TPS3307-25DGNRG4 Datasheet HTML 7Page - Texas Instruments TPS3307-25DGNRG4 Datasheet HTML 8Page - Texas Instruments TPS3307-25DGNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
TPS3307Y Chip Information
56
48
TPS3307Y
(1)
(2)
(3)
(5)
(6)
CHIP THICKNESS: 10 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS
(4)
(7)
(8)
TPS3307-18, TPS3307-25, TPS3307-33
SLVS199C – DECEMBER 1998 – REVISED DECEMBER 2006
These chips, when properly assembled, display characteristics similar to those of the TPS3307. Thermal
compression or ultrasonic bonding may take place on the doped aluminium bonding pads. The chips may be
mounted with conductive epoxy or a gold-silicon preform.
Table 2. Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
GND
4
Ground
MR
7
I
Manual reset
RESET
5
O
Active-low reset output
RESET
6
O
Active-high reset output
SENSE1
1
I
Sense voltage input 1
SENSE2
2
I
Sense voltage input 2
SENSE3
3
I
Sense voltage input 3
VDD
8
Supply voltage
4
Submit Documentation Feedback


Similar Part No. - TPS3307-25DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307-25DGNRG4 TI-TPS3307-25DGNRG4 Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results

Similar Description - TPS3307-25DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com