Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3307-25DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3307-25DR
Description  TRIPLE PROCESSOR SUPERVISORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3307-25DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3307-25DR Datasheet HTML 3Page - Texas Instruments TPS3307-25DR Datasheet HTML 4Page - Texas Instruments TPS3307-25DR Datasheet HTML 5Page - Texas Instruments TPS3307-25DR Datasheet HTML 6Page - Texas Instruments TPS3307-25DR Datasheet HTML 7Page - Texas Instruments TPS3307-25DR Datasheet HTML 8Page - Texas Instruments TPS3307-25DR Datasheet HTML 9Page - Texas Instruments TPS3307-25DR Datasheet HTML 10Page - Texas Instruments TPS3307-25DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
TPS3307-18, TPS3307-25, TPS3307-33
SLVS199C – DECEMBER 1998 – REVISED DECEMBER 2006
At V
DD = 2V to 6V, RL = 1MΩ, CL = 50pF, TA = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SENSEn
VSENSEnL = VIT–– 0.2V, VSENSEnH = VIT+ +0.2V
6
µs
tw
Pulse width
MR
VIH = 0.7 × VDD, VIL = 0.3 × VDD
100
ns
At V
DD = 2V to 6V, RL = 1MΩ, CL = 50pF, TA = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(SENSEn) ≥ VIT+ + 0.2V,
td
Delay time
140
200
280
ms
MR
≥ 0.7 × V
DD. See Timing Diagram.
Propagation (delay) time,
MR to RESETMR to
tPHL
high-to-low level output
RESET
VI(SENSEn) ≥ VIT+ + 0.2V,
200
500
ns
VIH = 0.7 × VDD, VIL = 0.3 × VDD
Propagation (delay) time,
MR to RESETMR to
tPLH
low-to-high level output
RESET
Propagation (delay) time,
SENSEn to RESET
tPHL
high-to-low level output
SENSEn to RESET
VIH = VIT+ +0.2V, VIL = VIT–– 0.2V,
1
5
µs
MR
≥ 0.7 × V
DD
Propagation (delay) time,
SENSEn to RESET
tPLH
low-to-high level output
SENSEn to RESET
7
Submit Documentation Feedback


Similar Part No. - TPS3307-25DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307-25DR TI-TPS3307-25DR Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DR TI-TPS3307-25DR Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DRG4 TI-TPS3307-25DRG4 Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results

Similar Description - TPS3307-25DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com