Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8551TYS4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ONET8551TYS4
Description  11.3-Gbps Limiting Transimpedance Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET8551TYS4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ONET8551TYS4 Datasheet HTML 5Page - Texas Instruments ONET8551TYS4 Datasheet HTML 6Page - Texas Instruments ONET8551TYS4 Datasheet HTML 7Page - Texas Instruments ONET8551TYS4 Datasheet HTML 8Page - Texas Instruments ONET8551TYS4 Datasheet HTML 9Page - Texas Instruments ONET8551TYS4 Datasheet HTML 10Page - Texas Instruments ONET8551TYS4 Datasheet HTML 11Page - Texas Instruments ONET8551TYS4 Datasheet HTML 12Page - Texas Instruments ONET8551TYS4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
x
870 m
1
2
3
6
8
4
7
5
14
13
12
16
9
10
15
18
11
8551T
17
20 19
ONET8551T
www.ti.com
SLLSEI5 – OCTOBER 2013
CHIP DIMENSIONS AND PAD LOCATIONS
Figure 5. Die Thickness: 203 ±13
μm, Pad Dimensions: 105 μm x 65 μm, and Die Size: 870 ±40 μm x 1036
±40
μm
COORDINATES (Referenced to Pad 1)
PAD
SYMBOL
TYPE
DESCRIPTION
x (
μm)
y (
μm)
1
0
0
GND
Supply
Circuit ground
2
0
–115
OUT+
Analog output
Non-inverted data output
3
0
–230
GND
Supply
Circuit ground
4
0
–460
VCC_OUT
Supply
3.3-V supply voltage
5
0
–575
VCC_IN
Supply
3.3-V supply voltage
6
116
–728
GND
Supply
Circuit ground
7
226
–728
FILTER1
Analog output
Bias voltage for photodiode
8
336
–728
IN
Analog input
Data input to TIA
9
446
–728
FILTER2
Analog output
Bias voltage for photodiode
10
556
–728
GND
Supply
Circuit ground
11
666
–728
NC
No connect
Do not connect
12
671
–575
RSSI_IB
Analog output
RSSI output signal for internally biased receivers
13
671
–460
RSSI_EB
Analog output
RSSI output signal for externally biased receivers
14
671
–230
GND
Supply
Circuit ground
15
671
–115
OUT–
Analog output
Inverted data output
16
671
0
GND
Supply
Circuit ground
17
508
109
BW1
Digital input
Bandwidth adjustment
18
393
109
GND
Supply
Circuit ground
19
278
109
GND
Supply
Circuit ground
20
163
109
BW0
Digital input
Bandwidth adjustment
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ONET8551T


Similar Part No. - ONET8551TYS4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8551TY TI1-ONET8551TY Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
More results

Similar Description - ONET8551TYS4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com