Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA620KP Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA620KP
Description  OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA620KP Datasheet(HTML) 5 Page - Texas Instruments

  OPA620KP Datasheet HTML 1Page - Texas Instruments OPA620KP Datasheet HTML 2Page - Texas Instruments OPA620KP Datasheet HTML 3Page - Texas Instruments OPA620KP Datasheet HTML 4Page - Texas Instruments OPA620KP Datasheet HTML 5Page - Texas Instruments OPA620KP Datasheet HTML 6Page - Texas Instruments OPA620KP Datasheet HTML 7Page - Texas Instruments OPA620KP Datasheet HTML 8Page - Texas Instruments OPA620KP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
®
OPA620
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL = 100Ω, and TA = +25°C, unless otherwise noted.
6
1
INPUT OFFSET VOLTAGE WARM-UP DRIFT
+100
+50
0
–50
–100
02
3
4
5
Time from Power Turn-on (min)
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs TEMPERATURE
3.1
2.8
2.5
2.2
1.9
–75
–50
–25
0
+25
+50
+75
+100
+125
2.9
2.6
2.3
2.0
1.7
Ambient Temperature (°C)
f = 100kHz
O
Current Noise
Voltage Noise
TOTAL INPUT VOLTAGE NOISE SPECTRAL DENSITY
vs SOURCE RESISTANCE
Frequency (Hz)
100
0.1
1M
10M
100M
10
100
1k
10k
1
100k
R = 1k
S
R = 500
S
S
R = 0
S
R = 100
A = +10V/V CLOSED-LOOP BANDWIDTH
vs OUTPUT VOLTAGE SWING
V
Frequency (Hz)
8
6
0
1M
10M
100M
1G
4
1k
10k
100k
2
R = 50
L
INPUT CURRENT NOISE SPECTRAL DENSITY
Frequency (Hz)
100
0.1
1M
10M
100M
10
100
1k
10k
1
100k
0
INPUT OFFSET VOLTAGE CHANGE
DUE TO THERMAL SHOCK
+1000
+500
0
–500
–1000
–1
+1
+2
+3
+4
Time from Thermal Shock (min)
+5
K Grade
T = 25°C to 70°C
Air Environment
A
SG T = 25°C to T = 125°C
Air Environment
AA
25°C


Similar Part No. - OPA620KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA620KP BURR-BROWN-OPA620KP Datasheet
309Kb / 15P
   Wideband Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA620KP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com