Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA635 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA635
Description  Wideband, Single-Supply OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA635 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA635 Datasheet HTML 4Page - Texas Instruments OPA635 Datasheet HTML 5Page - Texas Instruments OPA635 Datasheet HTML 6Page - Texas Instruments OPA635 Datasheet HTML 7Page - Texas Instruments OPA635 Datasheet HTML 8Page - Texas Instruments OPA635 Datasheet HTML 9Page - Texas Instruments OPA635 Datasheet HTML 10Page - Texas Instruments OPA635 Datasheet HTML 11Page - Texas Instruments OPA635 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
OPA634, OPA635
8
SBOS097A
TYPICAL PERFORMANCE CURVES: VS = +5V (Cont.)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 1).
1000
100
10
1
R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
100
300
V
O = 0.2Vp-p
R
S
OPA63x
V
O
1k
C
L
+V
S/2
C
L = 100pF
C
L = 1000pF
C
L = 10pF
100
90
80
70
60
50
40
30
20
10
0
–10
–20
OPEN-LOOP GAIN AND PHASE
Frequency (Hz)
1k
10k
100k
1M
10M
100M
1G
0
–30
–60
–90
–120
–150
–180
–210
–240
–270
–300
–330
–360
Open-Loop Phase
Open-Loop Gain
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
INPUT DC ERRORS vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
50
45
40
35
30
25
20
15
10
5
0
Input Offset Voltage
Input Bias Current
10X Input Offset Current
100
10
1
0.1
CLOSED-LOOP OUTPUT IMPEDANCE
vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
G = +1
R
F = 25Ω
16
14
12
10
8
6
4
2
0
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
160
140
120
100
80
60
40
20
0
Sinking Output Current
Sourcing Output Current
Quiescent Supply Current


Similar Part No. - OPA635

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA635 BURR-BROWN-OPA635 Datasheet
179Kb / 17P
   Wideband, Single Supply OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA635 TI1-OPA635 Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
OPA635 TI1-OPA635 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA635N BURR-BROWN-OPA635N Datasheet
179Kb / 17P
   Wideband, Single Supply OPERATIONAL AMPLIFIERS
OPA635U BURR-BROWN-OPA635U Datasheet
179Kb / 17P
   Wideband, Single Supply OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA635

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA634 BURR-BROWN-OPA634 Datasheet
179Kb / 17P
   Wideband, Single Supply OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com