Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA634U Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA634U
Description  Wideband, Single-Supply OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA634U Datasheet(HTML) 3 Page - Texas Instruments

  OPA634U Datasheet HTML 1Page - Texas Instruments OPA634U Datasheet HTML 2Page - Texas Instruments OPA634U Datasheet HTML 3Page - Texas Instruments OPA634U Datasheet HTML 4Page - Texas Instruments OPA634U Datasheet HTML 5Page - Texas Instruments OPA634U Datasheet HTML 6Page - Texas Instruments OPA634U Datasheet HTML 7Page - Texas Instruments OPA634U Datasheet HTML 8Page - Texas Instruments OPA634U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
OPA634, OPA635
3
SBOS097A
OPA634U, N
OPA635U, N
TYP
GUARANTEED
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C70°C
+85
°C
UNITS
MAX LEVEL(1)
SPECIFICATIONS: VS = +3V
At TA = 25°C, G = +2 and RL = 150Ω to VS/2, unless otherwise noted (see Figure 2).
AC PERFORMANCE (Figure 2)
Small-Signal Bandwidth
G = +2, VO ≤ 0.5Vp-p
110
77
65
58
MHz
min
B
G = +5, VO ≤ 0.5Vp-p
39
24
20
19
MHz
min
B
G = +10, VO ≤ 0.5Vp-p
16
12
10
8
MHz
min
B
Gain Bandwidth Product
G
≥ +10
150
100
85
80
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.5Vp-p
5
———
dB
typ
C
Slew Rate
1V Step
215
160
123
82
V/
µsmin
B
Rise Time
0.5V Step
2.8
4.3
4.5
6.3
ns
max
B
Fall Time
0.5V Step
3.0
4.4
4.6
6.0
ns
max
B
Settling Time to 0.1%
1V Step
14
30
32
38
ns
max
B
Spurious Free Dynamic Range
VO = 1Vp-p, f = 5MHz
65
56
52
47
dBc
min
B
Input Voltage Noise
f > 1MHz
5.6
6.2
7.3
7.7
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
2.8
3.7
4.2
4.4
pA/
√Hz
max
B
DC PERFORMANCE
Open-Loop Voltage Gain
67
61
57
53
dB
min
A
Input Offset Voltage
1.5
4
5
6
mV
max
A
Average Offset Voltage Drift
———
46
µV/°C
max
B
Input Bias Current
VCM = 1.0V
25
45
59
64
µA
max
A
Input Offset Current
VCM = 1.0V
0.6
2
2.3
4
µA
max
A
Input Offset Current Drift
———
40
nA/
°C
max
B
INPUT
Least Positive Input Voltage
–0.25
–0.1
–0.05
–0.01
V
max
B
Most Positive Input Voltage
1.8
1.6
1.55
1.5
V
min
A
Common-Mode Rejection (CMRR)
Input Referred
75
65
62
59
dB
min
A
Input Impedance
Differential-Mode
10 || 2.1
——
k
Ω || p
typ
C
Common-Mode
400 || 1.2
——
k
Ω || p
typ
C
OUTPUT
Least Positive Output Voltage
RL = 1kΩ to 1.5V
0.035
0.043
0.045
0.06
V
max
A
RL = 150Ω to 1.5V
0.06
0.16
0.19
0.43
V
max
A
Most Positive Output Voltage
RL = 1kΩ to 1.5V
2.9
2.86
2.85
2.45
V
min
A
RL = 150Ω to 1.5V
2.8
2.70
2.69
2.65
V
min
A
Current Output, Sourcing
45
35
30
12
mA
min
A
Current Output, Sinking
65
30
27
10
mA
min
A
Short Circuit Current (output shorted to either supply)
100
———
mA
typ
C
Closed-Loop Output Impedance
Figure 2, f < 100kHz
0.2
——
typ
C
DISABLE (OPA635 only)
On Voltage (device enabled Low)
1.0
0.5
0.5
0.5
V
max
A
Off Voltage (device disabled High)
1.8
1.9
2.1
2.2
V
min
A
On Disable Current (DIS pin)
66
100
110
110
µA
max
A
Off Disable Current (DIS pin)
0
———
µA
typ
C
Disabled Quiescent Current
0
30
40
50
µA
max
A
Disable Time
100
———
ns
typ
C
Enable Time
60
———
ns
typ
C
Off Isolation
f = 5MHz, Input to Output
70
———
dB
typ
C
POWER SUPPLY
Minimum Operating Voltage
2.7
2.7
2.7
V
min
B
Maximum Operating Voltage
10.5
10.5
10.5
V
max
A
Maximum Quiescent Current
10.8
11.5
11.8
12
mA
max
A
Minimum Quiescent Current
10.8
10.1
8.6
8.0
mA
min
A
Power Supply Rejection Ratio (PSRR)
Input Referred
50
49
45
44
dB
min
A
THERMAL CHARACTERISTICS
Specification: U, N
–40 to +85
°C
typ
C
Thermal Resistance
U
SO-8
125
°C/W
typ
C
N
SOT23-5, SOT23-6
150
°C/W
typ
C
NOTE: (1) Test Levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information.


Similar Part No. - OPA634U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA634U BURR-BROWN-OPA634U Datasheet
179Kb / 17P
   Wideband, Single Supply OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA634U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA634 BURR-BROWN-OPA634 Datasheet
179Kb / 17P
   Wideband, Single Supply OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com