Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA650NB Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA650NB
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA650NB Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA650NB Datasheet HTML 5Page - Texas Instruments OPA650NB Datasheet HTML 6Page - Texas Instruments OPA650NB Datasheet HTML 7Page - Texas Instruments OPA650NB Datasheet HTML 8Page - Texas Instruments OPA650NB Datasheet HTML 9Page - Texas Instruments OPA650NB Datasheet HTML 10Page - Texas Instruments OPA650NB Datasheet HTML 11Page - Texas Instruments OPA650NB Datasheet HTML 12Page - Texas Instruments OPA650NB Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
®
OPA650
11
TYPICAL APPLICATION
FIGURE 7. Low Distortion Video Amplifier.
OPA650
V
OUT
402
402
Video
Input
75
75
75
Ω Transmission Line
75
FIGURE 8. Layout Detail For DEM-OPA65xP Demonstration Board.
R
6
R
1
OPA650
Out
J
1
1
2
GND
–5V
P2
R
7
R
5
+In
R
3
R
4
R
2
–In
J
1
J
2
2
7
4
6
3
C
2
0.1µF
C
4
2.2µF
402
C
1
2.2µF
C
3
0.1µF
1
2
GND
+5V
P1
R
8
+
+
NOTE: Values for R
1, R3, R5, R6, and R7 are chosen according to desired gain.


Similar Part No. - OPA650NB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA650NB BURR-BROWN-OPA650NB Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA650NB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com