Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA655U-1 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA655U-1
Description  Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA655U-1 Datasheet(HTML) 3 Page - Texas Instruments

  OPA655U-1 Datasheet HTML 1Page - Texas Instruments OPA655U-1 Datasheet HTML 2Page - Texas Instruments OPA655U-1 Datasheet HTML 3Page - Texas Instruments OPA655U-1 Datasheet HTML 4Page - Texas Instruments OPA655U-1 Datasheet HTML 5Page - Texas Instruments OPA655U-1 Datasheet HTML 6Page - Texas Instruments OPA655U-1 Datasheet HTML 7Page - Texas Instruments OPA655U-1 Datasheet HTML 8Page - Texas Instruments OPA655U-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
®
OPA655
Total Supply Voltage Across Device (VS (TOTAL)) ................................ 11V
Internal Power Dissipation ........................... See Thermal Considerations
Differential Input Voltage ............................................................ VS (TOTAL)
Common-Mode Input Voltage Range ..................................................
±V
S
Storage Temperature Range: P, U ............................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
(soldering, SO-8, 3s) ...................................... +260
°C
Junction Temperature (TJ ) ............................................................ +175°C
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPA655P
8-Pin Plastic DIP
006
OPA655U
SO-8
182
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE INFORMATION
Top View
DIP/SO-8
PRODUCT
PACKAGE
TEMPERATURE RANGE
OPA655P
8-Pin Plastic DIP
–40
°C to +85°C
OPA655U
SO-8
–40
°C to +85°C
ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-Brown
Corporation recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet published speci-
fications.
NOTE: (1) Making use of all four power supply pins is highly recommended,
although not required. Using these four pins, instead of pins 4 and 7 only, will
reduce the effective pin impedance and substantially improve distortion.
1
2
3
4
8
7
6
5
+V
S2
(1)
+V
S1
Output
–V
S2
(1)
NC
Inverting Input
Non-Inverting Input
–V
S1


Similar Part No. - OPA655U-1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA655U BURR-BROWN-OPA655U Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA655U-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA659 TI-OPA659 Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
[Old version datasheet]   OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com