Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA643N-3K Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA643N-3K
Description  Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643N-3K Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA643N-3K Datasheet HTML 7Page - Texas Instruments OPA643N-3K Datasheet HTML 8Page - Texas Instruments OPA643N-3K Datasheet HTML 9Page - Texas Instruments OPA643N-3K Datasheet HTML 10Page - Texas Instruments OPA643N-3K Datasheet HTML 11Page - Texas Instruments OPA643N-3K Datasheet HTML 12Page - Texas Instruments OPA643N-3K Datasheet HTML 13Page - Texas Instruments OPA643N-3K Datasheet HTML 14Page - Texas Instruments OPA643N-3K Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
®
OPA643
11
This will increase the Q for the closed-loop poles, peaking
up the frequency response and extending the bandwidth. A
peaked frequency response will show overshoot and ringing
in the pulse response as well as a higher integrated output
noise. Operating at a noise gain less than +3 runs the risk of
sustained oscillation (loop instability). However, operation
at low gains would be desirable to take advantage of the
much higher slew rate and lower input noise voltage available
in the OPA643, as compared to performance offered by
unity gain stable op amps. Numerous external compensation
techniques have been suggested for operating a high gain op
amp at low gains. Most of these give zero/pole pairs in the
closed-loop response that cause long term settling tails in the
pulse response and/or phase non-linearity in the frequency
response. Figure 5 shows an external compensation method
for the non-inverting configuration that does not suffer from
these drawbacks.
gain for the op amp and the noise gain pole, set by 1/RFCF,
is placed correctly, a very well controlled second-order low
pass frequency response will result.
R
F
402
R
I
133
R
G
402
R
T
50
50
OPA643
+5V
–5V
V
O
50
Ω Source
FIGURE 5. Broadband Low Gain Non-Inverting External
Compensation.
The RI resistor across the two inputs will increase the noise
gain (i.e. decrease the loop gain) without changing the signal
gain. This approach will retain the full slew rate to the output
but will give up some of the low noise benefit of the
OPA643. Assuming a low source impedance, set RI so that
1+R
F/(RG || RI) is ≥ +3.
Where a low gain is desired, and inverting operation is
acceptable, a new external compensation technique may be
used to retain the full slew rate and noise benefits of the
OPA643 while maintaining the increased loop gain and the
associated improvement in distortion offered by the
decompensated architecture. This technique shapes the loop
gain for good stability while giving an easily controlled
second-order low pass frequency response. Figure 6 shows
this circuit (the same amplifier circuit as shown on the front
page). Considering only the noise gain for the circuit of
Figure 6, the low frequency noise gain, (NG1) will be set by
the resistor ratios while the high frequency noise gain (NG2)
will be set by the capacitor ratios. The capacitor values set
both the transition frequencies and the high frequency noise
gain. If this noise gain, determined by NG2 = 1+ CS/CF, is set
to a value greater than the recommended minimum stable
R
F
806
C
S
12.6pF
0.1µF
OPA643
+5V
–5V
V
O
V
I
C
F
1.9pF
R
G
402
R
T
280
FIGURE 6. Broadband Low Gain Inverting External
Compensation.
To choose the values for both CS and CF, two parameters and
only three equations need to be solved. The first parameter
is the target high frequency noise gain NG2, which should be
greater than the minimum stable gain for the OPA643. Here,
a target NG2 of 7.5 will be used. The second parameter is
the desired low frequency signal gain, which also sets the
low frequency noise gain NG1. To simplify this discussion,
we will target a maximally flat second-order low pass
Butterworth frequency response (Q = 0.707). The signal
gain of –2 shown in Figure 6 will set the low frequency noise
gain to NG1 = 1 + RF/RG (= 3 in this example). Then, using
only these two gains and the Gain Bandwidth Product (GBP)
for the OPA643 (800MHz), the key frequency in the
compensation can be determined as:
Physically, this Z
0 (13.6MHz for the values shown in Figure
6) is set by 1/(2
π • R
F(CF + CS)) and is the frequency at
which the rising portion of the noise gain would intersect
unity gain if projected back to 0dB gain. The actual zero in
the noise gain occurs at NG
1 • Z0 and the pole in the noise
gain occurs at NG2 • Z0. Since GBP is expressed in Hz,
multiply Z
0 by 2π and use this to get CF by solving:
Finally, since CS and CF set the high frequency noise gain,
determine CS by:
The resulting closed-loop bandwidth will be approximately
equal to:
F
–3dB
Z
O GBP
Z
O =
GBP
NG
1
2
1–
NG
1
NG
2


–1 – 2
NG
1
NG
2
C
F =
1
2
π• R
F Z O NG2
C
S = NG2 –1
() C
F


Similar Part No. - OPA643N-3K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA643N BURR-BROWN-OPA643N Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
OPA643NB BURR-BROWN-OPA643NB Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
More results

Similar Description - OPA643N-3K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA642 BURR-BROWN-OPA642 Datasheet
243Kb / 15P
   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
   Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com