Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3779ADBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3779ADBVR
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3779ADBVR Datasheet(HTML) 3 Page - Texas Instruments

  TPS3779ADBVR Datasheet HTML 1Page - Texas Instruments TPS3779ADBVR Datasheet HTML 2Page - Texas Instruments TPS3779ADBVR Datasheet HTML 3Page - Texas Instruments TPS3779ADBVR Datasheet HTML 4Page - Texas Instruments TPS3779ADBVR Datasheet HTML 5Page - Texas Instruments TPS3779ADBVR Datasheet HTML 6Page - Texas Instruments TPS3779ADBVR Datasheet HTML 7Page - Texas Instruments TPS3779ADBVR Datasheet HTML 8Page - Texas Instruments TPS3779ADBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
SENSE1
GND
SENSE2
VDD
OUT1
OUT2
1
2
3
6
5
4
SENSE1
GND
SENSE2
VDD
OUT1
OUT2
1
2
3
6
5
4
TPS3779, TPS3780
www.ti.com
SBVS250 – APRIL 2015
5 Device Comparison Table
PRODUCT
HYSTERESIS (%)
OUTPUT
TPS3779A
0.5
Push-pull
TPS3779B
5
Push-pull
TPS3779C
10
Push-pull
TPS3779D
1
Push-pull
TPS3780A
0.5
Open-drain
TPS3780B
5
Open-drain
TPS3780C
10
Open-drain
TPS3780D
1
Open-drain
6 Pin Configuration and Functions
DRY Package
DBV Package
1.45-mm × 1-mm µSON
SOT23-6
(Top View)
(Top View)
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
DRY
DBV
GND
2
5
Ground
OUT1 is the output for SENSE1. OUT1 is asserted (driven low) when the
voltage at SENSE1 falls below VIT–. OUT1 is deasserted (goes high) after
SENSE1 rises higher than VIT+. OUT1 is a push-pull output for the TPS3779
OUT1
5
2
O
and an open-drain output for the TPS3780. The open-drain device
(TPS3780) can be pulled up to 6.5 V independent of VDD; a pull-up resistor
is required for this device.
OUT2 is the output for SENSE2. OUT2 is asserted (driven low) when the
voltage at SENSE2 falls below VIT–. OUT2 is deasserted (goes high) after
SENSE2 rises higher than VIT+. OUT2 is a push-pull output for the TPS3779
OUT2
4
3
O
and an open-drain output for the TPS3780. The open-drain device
(TPS3780) can be pulled up to 6.5 V independent of VDD; a pull-up resistor
is required for this device.
This pin is connected to the voltage to be monitored with the use of an
SENSE1
1
6
I
external resistor divider. When the voltage at this pin drops below the
threshold voltage (VIT–), OUT1 is asserted.
This pin is connected to the voltage to be monitored with the use of an
SENSE2
3
4
I
external resistor divider. When the voltage at this pin drops below the
threshold voltage (VIT–), OUT2 is asserted.
Supply voltage input. Connect a 1.5-V to 6.5-V supply to VDD in order to
VDD
6
1
I
power the device. Good analog design practice is to place a 0.1-µF ceramic
capacitor close to this pin (required for VDD < 1.5 V).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS3779 TPS3780


Similar Part No. - TPS3779ADBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3779ADRYR TI-TPS3779ADRYR Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
TPS3779ADRYT TI-TPS3779ADRYT Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
More results

Similar Description - TPS3779ADBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com