Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3779BDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3779BDBVR
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3779BDBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS3779BDBVR Datasheet HTML 1Page - Texas Instruments TPS3779BDBVR Datasheet HTML 2Page - Texas Instruments TPS3779BDBVR Datasheet HTML 3Page - Texas Instruments TPS3779BDBVR Datasheet HTML 4Page - Texas Instruments TPS3779BDBVR Datasheet HTML 5Page - Texas Instruments TPS3779BDBVR Datasheet HTML 6Page - Texas Instruments TPS3779BDBVR Datasheet HTML 7Page - Texas Instruments TPS3779BDBVR Datasheet HTML 8Page - Texas Instruments TPS3779BDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Temperature (GC)
-40
-20
0
20
40
60
80
100
120
-0.4
-0.32
-0.24
-0.16
-0.08
0
0.08
0.16
0.24
0.32
0.4
Sense 1 VDD = 1.5 V
Sense 1 VDD = 6.5 V
Sense 2 VDD = 1.5 V
Sense 2 VDD = 6.5 V
Device
VDD
SENSE1
SENSE2
OUT1
OUT2
GND
R1
R2
VPULLUP
RPU1
RPU1
0.1 F
VMON1
VDD = 1.5 V to 6.5 V
R3
R4
VMON2
To a re set or enable
inpu t of the syste m
To a re set or enable
inpu t of the syste m
TPS378 0 Onl y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS3779, TPS3780
SBVS250 – APRIL 2015
TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
1 Features
3 Description
The TPS3779 and TPS3780 are a family of high-
1
Two-Channel Detectors in Small Packages
accuracy, two-channel voltage detectors with low-
High-Accuracy Threshold and Hysteresis: 1.0%
power and small solution size. The SENSE1 and
Low Quiescent Current: 2 µA (typ)
SENSE2 inputs include hysteresis to reject brief
glitches, ensuring stable output operation without
Adjustable Detection Voltage Down to 1.2 V
false triggering. This family offers different factory-set
Multiple Hysteresis Options:
hysteresis options of 0.5%, 1%, 5%, or 10%.
0.5%, 1%, 5%, and 10%
The TPS3779 and TPS3780 have adjustable SENSE
Temperature Range: –40°C to 125°C
inputs that can be configured by an external resistor
Push-Pull (TPS3779) and Open-Drain (TPS3780)
divider. When the voltage at the SENSE1 or SENSE2
Output Options
input goes below the falling threshold, OUT1 or OUT2
is
driven
low,
respectively.
When
SENSE1
or
Available in µSON and SOT23 Packages
SENSE2 rises above the rising threshold, OUT1 or
OUT2 goes high, respectively.
2 Applications
The devices have a very low quiescent current of
DSP, Microcontroller, and Microprocessor
2 µA (typical) and provide a precise, space-conscious
Applications
solution for voltage detection suitable for low-power
Portable Medical Devices
system-monitoring and portable applications. The
Building Automation
TPS3779 and TPS3780 operate from 1.5 V to 6.5 V,
over the –40°C to 125°C temperature range.
Set-Top Boxes
Solid-State Drives
Device Information(1)
Notebook and Desktop Computers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Portable and Battery-Powered Products
µSON (6)
1.45 mm × 1.00 mm
TPS37xx
Power-Supply Sequencing Applications
SOT23 (6)
2.92 mm × 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Sense Threshold (VIT+) Deviation versus
Typical Schematic
Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS3779BDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3779BDRYR TI-TPS3779BDRYR Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
TPS3779BDRYT TI-TPS3779BDRYT Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
More results

Similar Description - TPS3779BDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com