Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T30060-3SR Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # T30060-3SR
Description  Class T 300V open fuse blocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

T30060-3SR Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  T30060-3SR Datasheet HTML 1Page - Cooper Bussmann, Inc. T30060-3SR Datasheet HTML 2Page - Cooper Bussmann, Inc. T30060-3SR Datasheet HTML 3Page - Cooper Bussmann, Inc. T30060-3SR Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical data 1115
Effective December 2015
ClassT 300V open fuse blocks
Eaton.com/bussmannseries
Catalog numbers:
Amps
Poles
Catalog numbers/terminals
Figure number
Wire range
Screw
Box lug
1/2–30
2
T30030-2SR
T30030-2CR
1
SR #10 Cu, CR #6-14 Cu-Al
3
T30030-3SR
T30030-3CR
4
T30030-4SR
T30030-4CR
31–60
2
T30060-2SR
T30060-2CR
1
SR #12 Al, CR#2-14 Cu
3
T30060-3SR
T30060-3CR
4
T30060-4SR
T30060-4CR
61–100
1
T30100-1CR
2
1/0-#8 Cu-Al
2
T30100-2CR
3
T30100-3CR
101-200
1
T30200-1C
3a
250kcmil- #6 Cu-Al
3
T30200-3C
3b
3
T30200-3ST
3c
201–400
1
T30400-1C
4
600kcmil-2/0 Cu-Al
401–600
1
T30600-1C
5
(2) 600kcmil-4/0 Cu-Al
Dimensions – in:
Figure 1. 1/2 to 60A
Amps
Poles
Dimensions - in
A
B
C
30
2
2.41
1.03
60
30
3
3.44
1.03
2.06
60
30
4
4.47
2.06
3.09
60
T30030-S
Section X-X
0.91"
1.63"
0.72"
0.16"
Z
X
Full
Radius
Z
X
0.44"
0.20"
C
B
1.20"
A
0.69"
2.5"
2.75"
T30060-C
Section Z-Z
0.91"
1.63"
0.72"
0.16"
Figure. 2. 61 to 100A
Z
Z
0.52" C'bore
0.55" Deep
0.22" Dia.
X
X
2.39"
2.25"
Ref.
4.78"
2.06"
1.69" (1-pole)
3.09" (2-pole)
4.5" (3-pole)
1.41" (2-pole)
2.81" (3-pole)
0.84"
0.38"
0.75"


Similar Part No. - T30060-3SR

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
T30060-3SR EATON-T30060-3SR Datasheet
805Kb / 4P
   Class T 300V open fuse blocks
More results

Similar Description - T30060-3SR

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
T300 EATON-T300 Datasheet
805Kb / 4P
   Class T 300V open fuse blocks
T600 EATON-T600 Datasheet
895Kb / 4P
   Class T 600V open fuse blocks
logo
Littelfuse
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
   LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
logo
Cooper Bussmann, Inc.
BG3011SQ COOPER-BG3011SQ Datasheet
258Kb / 3P
   Open fuse blocks
logo
Littelfuse
LT30030-2 LITTELFUSE-LT30030-2 Datasheet
526Kb / 4P
   Class T Fuse Blocks - 300 and 600 Volt
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
logo
Cooper Bussmann, Inc.
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com