Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP-CC-1 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # LP-CC-1
Description  Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LP-CC-1 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  LP-CC-1_16 Datasheet HTML 1Page - Cooper Bussmann, Inc. LP-CC-1_16 Datasheet HTML 2Page - Cooper Bussmann, Inc. LP-CC-1_16 Datasheet HTML 3Page - Cooper Bussmann, Inc. LP-CC-1_16 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low-Peak™ LP-CC Class CC 600Vac/300Vdc, 1⁄2-30A time-delay fuses
Technical Data 1023
Effective February 2016
Eaton, Bussmann and Low-Peak are valuable
trademarks of Eaton in the US and other
countries. You are not permitted to use
the Eaton trademarks without prior written
consent of Eaton.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
CSA is a registered trademark of the Canadian
Standards Group.
NEC is a registered trademark of the National
Fire Protection Association, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2016 Eaton
All Rights Reserved
Printed in USA
Publication No. 1023 — BU-SB13732
February 2016
Follow us on social media to get the
latest product and support information.
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document
are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help
the end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or
limit distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin.
Once a product has been selected, it should be tested by the user in all possible applications.
Current-limitation curves:
B
A
30
25
20
15
2-8/10
1-1/4
RMS SYMMETRICAL CURRENT IN AMPS
A-B = ASYMMETRICAL AVAILABLE PEAK (2.3 X SYM RMS AMPS)
Current-limiting effects:
Prospective
S.C.C.
Let-through current
(apparent RMS symmetrical vs. fuse rating)
1-1⁄4A 2-8⁄10A
15A
20A
25A
30A
1000
100
135
240
305
380
435
3000
140
210
350
440
575
580
5000
165
255
420
570
690
710
10,000
210
340
540
700
870
1000
20,000
260
435
680
870
1090
1305
30,000
290
525
800
1030
1300
1520
40,000
315
610
870
1150
1390
1700
50,000
340
650
915
1215
1520
1820
60,000
350
735
1050
1300
1650
1980
80,000
390
785
1130
1500
1780
2180
100,000
420
830
1210
1600
2000
2400
200,000
525
1100
1600
2000
2520
3050
NOTE: To calculate I
p (Ipeak) multiply IRMS value by 2.3.


Similar Part No. - LP-CC-1_16

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LP-CC-1-1/2 EATON-LP-CC-1-1/2 Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
LP-CC-1-1/4 EATON-LP-CC-1-1/4 Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
LP-CC-1-1/8 EATON-LP-CC-1-1/8 Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
More results

Similar Description - LP-CC-1_16

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
   LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
   FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Cooper Bussmann, Inc.
FNQ-R-1 COOPER-FNQ-R-1_15 Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
LP-CC EATON-LP-CC Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
   Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
KRP-C-601SP COOPER-KRP-C-601SP Datasheet
715Kb / 4P
   Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
logo
Eaton All Rights Reserv...
KRP-C EATON-KRP-C Datasheet
715Kb / 4P
   Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
logo
Cooper Bussmann, Inc.
FNQ-R-2-1-2 COOPER-FNQ-R-2-1-2 Datasheet
76Kb / 2P
   CC-TRON Time-Delay Fuses
KRP-C-2001SP COOPER-KRP-C-2001SP Datasheet
741Kb / 4P
   Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com