Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-8 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # SC-8
Description  SC Class G, 600Vac/480Vac, 1??-60A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SC-8 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  SC-8 Datasheet HTML 1Page - Cooper Bussmann, Inc. SC-8 Datasheet HTML 2Page - Cooper Bussmann, Inc. SC-8 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data 1024
Effective December 2015
SC Class G 600Vac/480Vac, 1⁄2-60A size-rejecting fuses
Eaton.com/bussmannseries
Time-current curves - average melt:
CURRENT IN AMPS
100
10
1
0.1
0.01
10
100
1000
1
0.7
2000
300
AMP RATING
Current in amps
Amp rating


Similar Part No. - SC-8

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SC-8 EATON-SC-8 Datasheet
401Kb / 3P
   SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
ELM Technology Corporat...
SC-82AB ELM-TECH-SC-82AB Datasheet
577Kb / 1P
   Package, Reel, Taping
logo
ON Semiconductor
SC-88A ONSEMI-SC-88A Datasheet
67Kb / 2P
   CONTROLLING DIMENSION INCH.
July, 2010 ??Rev. 02K
logo
Tiger Electronic Co.,Lt...
SC-88A TGS-SC-88A Datasheet
106Kb / 3P
   Power management
logo
Vishay Siliconix
SC-89 VISHAY-SC-89 Datasheet
44Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
More results

Similar Description - SC-8

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SC-1-2 EATON-SC-1-2 Datasheet
401Kb / 3P
   SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Cooper Bussmann, Inc.
SC-15 COOPER-SC-15 Datasheet
208Kb / 3P
   SC - 600Vac/480Vac, 1.2-60A Size Rejecting Fuses
logo
Eaton All Rights Reserv...
ECSR EATON-ECSR Datasheet
197Kb / 2P
   Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
List of Unclassifed Man...
LPJ-1SP ETC2-LPJ-1SP Datasheet
719Kb / 4P
   LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
   JKS ??600Vac, 1-60A, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
   Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Schneider Electric
QMJ362T SCHNEIDER-QMJ362T Datasheet
101Kb / 2P
   60A-60A 6 Inch 3P 600VAC Fusible Switch
logo
Cooper Bussmann, Inc.
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
   LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
logo
Schneider Electric
QMB262TW SCHNEIDER-QMB262TW Datasheet
98Kb / 2P
   60A-60A 6 Inch 2P 600VAC/250VDC Fusible Switch
logo
Cooper Bussmann, Inc.
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
   FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com