Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3847108DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3847108DBVT
Description  18-V, 380-nA Voltage Monitor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3847108DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS3847108DBVT Datasheet HTML 1Page - Texas Instruments TPS3847108DBVT Datasheet HTML 2Page - Texas Instruments TPS3847108DBVT Datasheet HTML 3Page - Texas Instruments TPS3847108DBVT Datasheet HTML 4Page - Texas Instruments TPS3847108DBVT Datasheet HTML 5Page - Texas Instruments TPS3847108DBVT Datasheet HTML 6Page - Texas Instruments TPS3847108DBVT Datasheet HTML 7Page - Texas Instruments TPS3847108DBVT Datasheet HTML 8Page - Texas Instruments TPS3847108DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS3847
www.ti.com
SBVS231A – AUGUST 2014 – REVISED MARCH 2015
6.5 Electrical Characteristics
At TJ = –40°C to +85°C, 4.5 V < VCC < 18 V, and CIN = 0.1 µF (unless otherwise noted). Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
V(VCC)
Input supply voltage range
4.5
18
V
Minimum V(VCC) voltage for valid
VVO
IOL = 1 µA, VOL = 400 mV
0.8
V
output(1)
TJ = 25°C, V(VCC) = 18 V
380
nA
Output not
I(VCC)
Supply current (into VCC pin)
TJ = 25°C
750
nA
connected
–40°C
≤ TJ ≤ +85°C
900
nA
MONITORED THRESHOLD
TJ = 25°C
±0.5%
Negative going input threshold
accuracy
–2.5%
+2.5%
VIT–
TPS3847085
8.2875
8.5
8.7125
V
Negative-going threshold voltage
TPS3847108
10.53
10.8
11.07
V
TPS3847085
0.11 × VIT–
V
VHYS
Hysteresis voltage
TPS3847108
0.035 × VIT–
V
OUTPUT
0.9 V < V(VCC) < 2.4 V, IOL= 10 μA
0.009
0.4
V
Push-pull low-level output voltage
VOL
2.4 V
≤ V(VCC) < 4.5 V, IOL= 250 μA
0.015
0.4
V
(RESET)
4.5 V
≤ V(VCC) ≤ 18 V, IOL= 2 mA
0.09
0.4
V
1.6
3.1
V
IOH = –2 mA
V(VCC) = 18 V
2.45
V
Push-pull high-level output voltage
VOH
(RESET)
3
4
V
IOH = –10 µA
V(VCC) = 18 V
3.55
V
MR PIN
VIL
Low-level input voltage
0.4
V
VIH
High-level input voltage
1.2
V
Ilkg(MR)
MR leakage current
MR High, V(VCC) = 18 V
–23
nA
(1)
The lowest supply voltage (V(VCC)) at which RESET is valid. tRISE(VCC) ≥ 15 µs/V, where tRISE is the rise time.
Copyright © 2014–2015 , Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS3847


Similar Part No. - TPS3847108DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3840 TI1-TPS3840 Datasheet
857Kb / 31P
[Old version datasheet]   Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840 TI-TPS3840 Datasheet
1Mb / 44P
[Old version datasheet]   TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
REVISED JANUARY 2020
TPS3840 TI1-TPS3840 Datasheet
936Kb / 33P
[Old version datasheet]   Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840 TI1-TPS3840 Datasheet
987Kb / 34P
[Old version datasheet]   Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840 TI1-TPS3840 Datasheet
1Mb / 38P
[Old version datasheet]   Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
More results

Similar Description - TPS3847108DBVT

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
   Voltage Monitor
logo
AAEON Technology
APD-7181 AAEON-APD-7181 Datasheet
761Kb / 2P
   18 TFT Industrial Display Monitor
logo
EPCOS
B597XXB EPCOS-B597XXB Datasheet
106Kb / 6P
   Leaded Disks, Uncoated, 380 V to 1000 V
logo
Texas Instruments
TPS3899 TI-TPS3899_V01 Datasheet
1Mb / 25P
[Old version datasheet]   Nano 125 nA IQ, 1% Accurate Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899 TI-TPS3899 Datasheet
999Kb / 23P
[Old version datasheet]   Nano 125 nA IQ, 1% Accurate Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
logo
Intersil Corporation
ISL88042 INTERSIL-ISL88042 Datasheet
301Kb / 8P
   Quadruple Voltage Monitor
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
   Quad Voltage Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Intersil Corporation
ISL88031 INTERSIL-ISL88031 Datasheet
201Kb / 8P
   Quintuple Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com