Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24742RGET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24742RGET
Description  2.5-V to 18-V High Performance Hot Swap and ORing Controller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24742RGET Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS24742RGET Datasheet HTML 6Page - Texas Instruments TPS24742RGET Datasheet HTML 7Page - Texas Instruments TPS24742RGET Datasheet HTML 8Page - Texas Instruments TPS24742RGET Datasheet HTML 9Page - Texas Instruments TPS24742RGET Datasheet HTML 10Page - Texas Instruments TPS24742RGET Datasheet HTML 11Page - Texas Instruments TPS24742RGET Datasheet HTML 12Page - Texas Instruments TPS24742RGET Datasheet HTML 13Page - Texas Instruments TPS24742RGET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
0.00
0.10
0.20
0.30
0.40
0.50
±50
0
50
100
150
Temperature (
ƒC)
Vpghs
C005
1.20
1.22
1.24
1.26
1.28
1.30
1.32
1.34
1.36
1.38
1.40
±50
0
50
100
150
Temperature (
ƒC)
Rising
Falling
C006
0.0
0.1
0.2
0.3
0.4
0.5
±50
0
50
100
150
Temperature (
ƒC)
Vstat
C004
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
20
VDD (V)
T=125°C
T=25°C
T=-40°C
C003
0
2
4
6
8
10
0
5
10
15
20
Input Voltage (V)
T=25°C
T=-40°C
T=125°C
C001
0
5
10
15
20
0
5
10
15
20
VDD (V)
T=125°C
T=-40°C
T=25°C
C002
TPS24740
TPS24741
TPS24742
SLVSCV6A – JANUARY 2015 – REVISED FEBRUARY 2015
www.ti.com
8.7 Typical Characteristics
Unless otherwise noted these limits apply to the following: VVDD = VA = VC = VRVSNM = VOUTH = 12 V; VENHS = VENOR = 2 V, VOV
= 0 V; VBGATE, VHGATE, VPGHS, VSTAT, VFLTb, and VIMONBUF are floating; CCP = 100 nF, CINR = 1 nF, CFLT = 1 nF, RSET = 44.2 Ω,
RIMON = 2.98 kΩ, RFSTP = 200 Ω, RRV = 200 Ω, and RPLIM = 52 kΩ.
Iq = IVDD + IA + IC + IOUTH
Figure 1.
Figure 2.
ISTAT = 2mA
Figure 3.
Figure 4.
IPGHS = 2mA
Figure 5.
Figure 6.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS24740 TPS24741 TPS24742


Similar Part No. - TPS24742RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24700DGK TI1-TPS24700DGK Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24700DGKR TI1-TPS24700DGKR Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24701 TI1-TPS24701 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24701DGK TI1-TPS24701DGK Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
More results

Similar Description - TPS24742RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
logo
Maxim Integrated Produc...
MAX15068 MAXIM-MAX15068 Datasheet
555Kb / 17P
   Dual ORing, Single Hot-Swap Controller
Rev 0; 12/13
MAX5963 MAXIM-MAX5963 Datasheet
295Kb / 20P
   Dual, 7.5V to 76V, Hot-Swap and Diode ORing Controller
Rev 0; 10/08
logo
Texas Instruments
TPS2458 TI1-TPS2458_16 Datasheet
1Mb / 29P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC
TPS2458 TI-TPS2458 Datasheet
983Kb / 28P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com