Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3831K50DQNR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3831K50DQNR
Description  Ultralow Power, Supply Voltage Monitor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3831K50DQNR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3831K50DQNR Datasheet HTML 3Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 4Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 5Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 6Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 7Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 8Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 9Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 10Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TPS3831, TPS3839
www.ti.com
SBVS193D – JUNE 2012 – REVISED JULY 2015
7.5 Electrical Characteristics
At TA = –40°C to 85°C, 0.9 V < VDD < 6.5 V, and C1 = 0.1 µF, unless otherwise noted. Typical values are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input supply voltage
0.9
6.5
V
V(POR)
Minimum VDD voltage for valid output
IOL = 1 µA
0.6
V
IDD
Supply current (into VDD pin)
Output not connected
150
500
nA
VDD = 0.9 V to 1.2 V, IOL = 120 µA
0.4
VOL
Low-level output voltage (RESET pin)
VDD = 1.2 V to 2.8 V, IOL = 0.5 mA
0.4
V
VDD = 2.8 V to 6.5 V, IOL = 2 mA
0.4
VDD = 0.9 V to 1.2 V, IOH = –50 µA
VDD – 0.4
VOH
High-level output voltage (RESET pin)
VDD = 1.2 V to 3.3 V, IOH = –0.5 mA
VDD – 0.4
V
VDD = 3.3 V to 6.5 V, IOH = –2 mA
VDD – 0.4
VIL
Low-level input voltage (MR pin)
0.3VDD
V
VIH
High-level input voltage (MR pin)
0.7VDD
V
RMR
MR pin pullup resistance
10
20
30
k
Ω
Negative-going input threshold accuracy TA = 25°C
±1%
TPS383xA09
0.874
0.9
0.914
TPS383xG12
1.073
1.1
1.117
TPS383xE16
1.482
1.52
1.543
TPS383xG18
1.628
1.67
1.695
VIT–
Negative-going threshold voltage
TPS3839G25
2.267
2.325
2.360
V
TPS383xL30
2.564
2.63
2.669
TPS383xK33
2.857
2.93
2.974
TPS383xG33
3.003
3.08
3.126
TPS383xK50
4.271
4.38
4.446
TPS383xA09
54
TPS383xG12
11
TPS383xE16
15
TPS383xG18
17
Vhys
Hysteresis voltage
TPS383xL30
26
mV
TPS3839G25
23
TPS383xK33
29
TPS383xG33
31
TPS383xK50
44
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS3831K50DQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3831K50DQNR TI-TPS3831K50DQNR Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
More results

Similar Description - TPS3831K50DQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com