Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3823A-33DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3823A-33DBVT
Description  Voltage Monitor With Watchdog Timer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3823A-33DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3823A-33DBVT Datasheet HTML 3Page - Texas Instruments TPS3823A-33DBVT Datasheet HTML 4Page - Texas Instruments TPS3823A-33DBVT Datasheet HTML 5Page - Texas Instruments TPS3823A-33DBVT Datasheet HTML 6Page - Texas Instruments TPS3823A-33DBVT Datasheet HTML 7Page - Texas Instruments TPS3823A-33DBVT Datasheet HTML 8Page - Texas Instruments TPS3823A-33DBVT Datasheet HTML 9Page - Texas Instruments TPS3823A-33DBVT Datasheet HTML 10Page - Texas Instruments TPS3823A-33DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
V
IT-
V
DD
RESET
WDI
t
d
t
d
t
t(out)
t
d
undefined
undefined
1.1 V
TPS3820, TPS3823, TPS3823A, TPS3824, TPS3825, TPS3828
www.ti.com
SLVS165K – APRIL 1998 – REVISED NOVEMBER 2015
Electrical Characteristics (continued)
over operating junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS382x-25
TPS382x-30
–400
Output short-circuit
IOS
RESET
VDD = VIT, max + 0.2 V, VO = 0 V
µA
TPS382x-33
current(3)
TPS382xA-33
TPS382x-50
–800
IDD
Supply current
WDI, MR, and outputs unconnected
15
25
µA
Internal pullup resistor at MR
52
k
Ω
Ci
Input capacitance at MR, WDI
VI = 0 V to 5.5 V
5
pF
(3)
The RESET short-circuit current is the maximum pullup current when RESET is driven low by a microprocessor bidirectional reset pin.
7.6 Timing Requirements
At RL = 1 MΩ, CL = 50 pF, and TJ = 25°C, unless otherwise noted.
MIN
TYP
MAX
UNIT
at VDD
VDD = VIT− + 0.2 V, VDD = VIT– – 0.2 V
6
μs
tw
Pulse width
at MR
VDD ≥ VIT− + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
1
μs
at WDI
VDD ≥ VIT− + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
100
ns
7.7 Switching Characteristics
At RL = 1 MΩ, CL = 50 pF, and TJ = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS3820
112
200
300
ms
VDD ≥ VIT− + 0.2 V
ttout
Watchdog time out
See Figure 1
TPS3823/4/8, TPS3823A
0.9
1.6
2.5
s
TPS3820
15
25
37
VDD ≥ VIT− + 0.2 V
td
Delay time
ms
See Figure 1
TPS3823/4/5/8, TPS3823A
120
200
300
VDD ≥ VIT− + 0.2 V,
MR to RESET delay
VIL = 0.3 × VDD,
0.1
(TPS3820/3/5/8, TPS3823A)
Propagation (delay) time,
VIH = 0.7 × VDD
tPHL
µs
high-to-low-level output
VIL = VIT– – 0.2 V,
VDD to RESET delay
25
VIH = VIT– + 0.2 V
VDD ≥ VIT− + 0.2 V,
MR to RESET delay (TPS3824/5)
VIL = 0.3 × VDD,
0.1
Propagation (delay) time,
VIH = 0.7 × VDD
tPLH
µs
low-to-high-level output
VIL = VIT– – 0.2 V,
VDD to RESET delay (TPS3824/5)
25
VIH = VIT– + 0.2 V
Figure 1. Timing Diagram
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS3820 TPS3823 TPS3824 TPS3825 TPS3828


Similar Part No. - TPS3823A-33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3823A-33DBVT TI1-TPS3823A-33DBVT Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3823A-33DBVT TI1-TPS3823A-33DBVT Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Similar Description - TPS3823A-33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com