Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP-CC-10 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # LP-CC-10
Description  Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LP-CC-10 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  LP-CC-10 Datasheet HTML 1Page - Cooper Bussmann, Inc. LP-CC-10 Datasheet HTML 2Page - Cooper Bussmann, Inc. LP-CC-10 Datasheet HTML 3Page - Cooper Bussmann, Inc. LP-CC-10 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1023
Effective February 2016
Supersedes August 2015
Low-Peak™ LP-CC Class CC 600Vac/300Vdc, 1⁄2-
30A time-delay fuses
Catalog symbol:
LP-CC-(amp)
Description:
Ultimate protection Class CC current-limiting, time-
delay fuses. Time-delay – 12 seconds (minimum)
at 200% of rated current.
Specifications:
Ratings
Volts
600Vac,
300Vdc (1⁄2-2-8⁄10A, 20-30A)
150Vdc (3-15A)
Amps 1⁄2-30A
IR
200kA Vac RMS Sym.
20kA Vdc
Agency information
UL® Listed Class CC, Std. 248-4,
Guide JDDZ, File E4273
CSA® Certified; Class 1422-02, File 53787
CE
RoHS compliant (20-30A)
Catalog numbers (amps)
LP-CC-1⁄2
LP-CC-1-1⁄2
LP-CC-3
LP-CC-6
LP-CC-12
LP-CC-6⁄10
LP-CC-1-6⁄10 LP-CC-3-2⁄10 LP-CC-6-1⁄4
LP-CC-15
LP-CC-8⁄10
LP-CC-1-8⁄10
LP-CC-3-1⁄2
LP-CC-7
LP-CC-20
LP-CC-1
LP-CC-2
LP-CC-4 LP-CC-7-1⁄2
LP-CC-25
LP-CC-1-1⁄8
LP-CC-2-1⁄4
LP-CC-4-1⁄2
LP-CC-8
LP-CC-30
LP-CC-1-1⁄4
LP-CC-2-1⁄2
LP-CC-5
LP-CC-9
LP-CC-1-4⁄10
LP-CC-2-8⁄10 LP-CC-5-6⁄10
LP-CC-10
Carton quantity:
Amp rating
Carton qty.
1⁄4-30
10
Dimensions - in (mm)
Features:
200kA interrupting rating complies with
NEC® Section 110.9 for today’s large capacity
systems.
Fast short-circuit protection and dual-element,
time-delay performance provide ultimate
protection.
Reduces existing fuse inventory by up to 33%
when upgrading to Low-Peak fuses.
Consistent 2:1 ampacity ratios for all Low-Peak
fuses make selective coordination easy.
Time-delay characteristic avoids unwanted
fuse openings from surge currents while fast
response speed under short-circuit conditions
provides a high degree of current limitation.
Current-limitation protects downstream
components against damaging thermal and
magnetic effects of short-circuit currents.
A superior, all-purpose, space-saving branch
circuit fuse that meets most protection
requirements up to 30A.
Very compact, with a physical size only 13⁄32” x
1 1⁄2” (10.3 x 38.1mm) with rejction tip.
Proper sizing can provide “no damage” Type 2
coordinated protection for NEMA and IEC motor
controllers.
Can be used where either a time-delay or a
fast-acting fuse is needed, making selection
easier and reducing spare fuse inventories for
substantial cost reduction.
Superior protection for small horsepower motor
circuits.
1.5" (± 0.031)
(38.1mm)
0.41" (± 0.005)
(10.3mm)


Similar Part No. - LP-CC-10

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LP-CC-10 EATON-LP-CC-10 Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
More results

Similar Description - LP-CC-10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
   LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
   FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Cooper Bussmann, Inc.
FNQ-R-1 COOPER-FNQ-R-1_15 Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
LP-CC EATON-LP-CC Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
   Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
KRP-C-601SP COOPER-KRP-C-601SP Datasheet
715Kb / 4P
   Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
logo
Eaton All Rights Reserv...
KRP-C EATON-KRP-C Datasheet
715Kb / 4P
   Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
logo
Cooper Bussmann, Inc.
FNQ-R-2-1-2 COOPER-FNQ-R-2-1-2 Datasheet
76Kb / 2P
   CC-TRON Time-Delay Fuses
KRP-C-2001SP COOPER-KRP-C-2001SP Datasheet
741Kb / 4P
   Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com