Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25741 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25741
Description  USB Type-C and USB Power Delivery Host Port Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25741 Datasheet(HTML) 3 Page - Texas Instruments

  TPS25741 Datasheet HTML 1Page - Texas Instruments TPS25741 Datasheet HTML 2Page - Texas Instruments TPS25741 Datasheet HTML 3Page - Texas Instruments TPS25741 Datasheet HTML 4Page - Texas Instruments TPS25741 Datasheet HTML 5Page - Texas Instruments TPS25741 Datasheet HTML 6Page - Texas Instruments TPS25741 Datasheet HTML 7Page - Texas Instruments TPS25741 Datasheet HTML 8Page - Texas Instruments TPS25741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
20-Aug-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS25741RSMR
PREVIEW
VQFN
RSM
32
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
PTPS BX
25741
TPS25741RSMT
PREVIEW
VQFN
RSM
32
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
PTPS BX
25741
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - TPS25741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25741 TI1-TPS25741 Datasheet
2Mb / 68P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TPS25741A TI1-TPS25741A Datasheet
2Mb / 68P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TPS25741ARSMR TI1-TPS25741ARSMR Datasheet
2Mb / 68P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TPS25741ARSMT TI1-TPS25741ARSMT Datasheet
2Mb / 68P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TPS25741RSMR TI1-TPS25741RSMR Datasheet
2Mb / 68P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
More results

Similar Description - TPS25741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25741 TI1-TPS25741_17 Datasheet
2Mb / 68P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TUSB422 TI1-TUSB422 Datasheet
2Mb / 71P
[Old version datasheet]   USB Type-C Port Control with Power Delivery
logo
Cypress Semiconductor
CCG1 CYPRESS-CCG1 Datasheet
552Kb / 31P
   USB Type-C Port Controller with Power Delivery
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
   USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
   USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92A12MWV-EVK-001 ROHM-BM92A12MWV-EVK-001 Datasheet
10Mb / 9P
   ROHM USB Type-C Power Delivery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com