Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3824-33DBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3824-33DBVRG4
Description  Voltage Monitor With Watchdog Timer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3824-33DBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS3824-33DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPS3820, TPS3823, TPS3823A, TPS3824, TPS3825, TPS3828
www.ti.com
SLVS165K – APRIL 1998 – REVISED NOVEMBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VDD
–0.3
6
Voltage
V
RESET, RESET, MR, WDI
–0.3
(VDD + 0.3)
Maximum low output, IOL
–5
5
Current
Maximum high output, IOH
–5
5
mA
Output range (VO < 0 or VO > VDD), IOK
–10
10
Continuous total power dissipation
See Thermal Information
Operating free-air, TA
–40
85
Temperature
°C
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
±500
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VDD
Supply voltage
1.1
5.5
V
VIH
High-level input voltage at MR and WDI
0.7 × VDD
V
VIL
Low-level input voltage
0.3 × VDD
V
Δt/ΔV
Input transition rise and fall rate at MR or WDI
100
ns/V
TA
Operating free-air temperature range
–40
85
°C
7.4 Thermal Information
TPS382x
THERMAL METRIC(1)
DBV (SOT-23)
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
209.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
72.8
°C/W
RθJB
Junction-to-board thermal resistance
36.7
°C/W
ψJT
Junction-to-top characterization parameter
2.1
°C/W
ψJB
Junction-to-board characterization parameter
35.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS3820 TPS3823 TPS3824 TPS3825 TPS3828


Similar Part No. - TPS3824-33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3824-33DBVRG4 TI-TPS3824-33DBVRG4 Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVRG4 TI-TPS3824-33DBVRG4 Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVRG4 TI-TPS3824-33DBVRG4 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVRG4 TI1-TPS3824-33DBVRG4 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVRG4 TI1-TPS3824-33DBVRG4 Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
More results

Similar Description - TPS3824-33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com