Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3839K33DBZR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3839K33DBZR
Description  Ultralow Power, Supply Voltage Monitor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3839K33DBZR Datasheet(HTML) 5 Page - Texas Instruments

  TPS3839K33DBZR Datasheet HTML 1Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 2Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 3Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 4Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 5Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 6Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 7Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 8Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
GND
RESET
1
2
3
VDD
VDD
GND
RESET
NC
1
2
3
4
Thermal
Pad
VDD
GND
RESET
MR
1
2
3
4
Thermal
Pad
TPS3831, TPS3839
www.ti.com
SBVS193D – JUNE 2012 – REVISED JULY 2015
6 Pin Configuration and Functions
TPS3831 DQN Package
TPS3839 DQN Package
1-mm × 1-mm X2SON
1-mm × 1-mm X2SON
Top View
Top View
TPS3839 DBZ Package
SOT23-3
Top View
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
TPS3839
TPS3839
TPS3831
(SOT23-3)
(X2SON)
(X2SON)
GND
1
3
3
Ground
Manual reset. Pull this pin to a logic low to assert the RESET output.
MR
N/A
N/A
2
I
After the MR pin is deasserted, the RESET output deasserts after the
reset delay (td) elapses.
NC
N/A
2
N/A
No internal connection.
Active-low reset output. RESET has a push-pull output drive and is
capable of directly driving input pins. RESET is low as long as VDD
RESET
2
1
1
O
remains below the factory threshold voltage, and until the delay time
(td) elapses after VDD rises above the threshold voltage.
Connect to ground or to a floating copper plane for mechanical
Thermal pad
N/A
Available
Available
stability.
VDD
3
4
4
I
Supply voltage
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS3839K33DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3839K33DBZR TI1-TPS3839K33DBZR Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839K33DBZR TI-TPS3839K33DBZR Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
More results

Similar Description - TPS3839K33DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com