Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25940A Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS25940A
Description  18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS25940A Datasheet HTML 5Page - Texas Instruments TPS25940A Datasheet HTML 6Page - Texas Instruments TPS25940A Datasheet HTML 7Page - Texas Instruments TPS25940A Datasheet HTML 8Page - Texas Instruments TPS25940A Datasheet HTML 9Page - Texas Instruments TPS25940A Datasheet HTML 10Page - Texas Instruments TPS25940A Datasheet HTML 11Page - Texas Instruments TPS25940A Datasheet HTML 12Page - Texas Instruments TPS25940A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
1.0
1.4
1.8
2.2
2.6
3.0
±50
±20
10
40
70
100
130
Temperature (oC)
C014
0.9
1.1
1.3
1.5
1.7
1.9
2.1
±50
±20
10
40
70
100
130
Temperature (
oC)
DEVSLP R
DEVLSLP F
C014
V
(DEVSLPR)
V
(DEVSLPF)
50
100
150
200
250
300
±50
±20
10
40
70
100
130
Temperature (oC)
C014
1.0
1.4
1.8
2.2
2.6
3.0
±50
±20
10
40
70
100
130
Temperature (oC)
C014
0.40
0.45
0.50
0.55
0.60
±50
±20
10
40
70
100
130
Temperature (oC)
EN Rising
EN Falling
C014
V
(SHUTR)
V
(SHUTF)
0.90
0.92
0.94
0.96
0.98
1.00
±50
±20
10
40
70
100
130
Temperature (oC)
PGTH Rising
PGTH Falling
C014
V
(PGTHR)
V
(PGHTF)
TPS25940A, TPS25940L
www.ti.com
SLVSCF3A – JUNE 2014 – REVISED MARCH 2015
Typical Characteristics (continued)
Conditions are –40°C
≤ TA = TJ ≤ 125°C, V(IN) = 12 V, V(EN/UVLO) = 2 V, V(OVP) = V(DEVSLP) = V(PGTH) = 0 V, R(ILIM) = 150 kΩ,
C(OUT) = 1 µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. (unless stated otherwise)
Figure 7. PGTH Threshold Voltage vs Temperature
Figure 8. EN Threshold Voltage for Low IQ mode vs
Temperature
Figure 9. Enable Turn ON Delay vs Temperature
Figure 10. Enable Turn OFF Delay vs Temperature
Figure 11. OVP Disable Delay vs Temperature
Figure 12. DEVSLP Threshold Voltage vs Temperature
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS25940A TPS25940L


Similar Part No. - TPS25940A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940AQRVCRQ1 TI1-TPS25940AQRVCRQ1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS25940AQRVCRQ1 TI1-TPS25940AQRVCRQ1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940AQRVCRQ1 TI-TPS25940AQRVCRQ1 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940AQRVCTQ1 TI1-TPS25940AQRVCTQ1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS25940AQRVCTQ1 TI1-TPS25940AQRVCTQ1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

Similar Description - TPS25940A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
[Old version datasheet]   TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
logo
Vishay Siliconix
SIP32433 VISHAY-SIP32433_V01 Datasheet
640Kb / 22P
   3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
15-Aug-2022
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
   2A Load Switch IC with True Reverse Current Blocking
2021-02-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com