Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25940LRVCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940LRVCR
Description  18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940LRVCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS25940LRVCR Datasheet HTML 6Page - Texas Instruments TPS25940LRVCR Datasheet HTML 7Page - Texas Instruments TPS25940LRVCR Datasheet HTML 8Page - Texas Instruments TPS25940LRVCR Datasheet HTML 9Page - Texas Instruments TPS25940LRVCR Datasheet HTML 10Page - Texas Instruments TPS25940LRVCR Datasheet HTML 11Page - Texas Instruments TPS25940LRVCR Datasheet HTML 12Page - Texas Instruments TPS25940LRVCR Datasheet HTML 13Page - Texas Instruments TPS25940LRVCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
7.5
8.0
8.5
9.0
9.5
0
1
2
3
4
5
6
Current Limit(A)
C014
0
1
2
3
4
5
6
±50
0
50
100
150
Temperature (
oC)
C014
150 k:
88.6 k:
42.4 k:
24.9 k:
16.9 k:
0
1
10
100
1000
1
10
100
1000
C
(dVdT) (nF)
C014
0
1
10
10
100
R
(ILIM) Resistor (k:)
C014
0.9
1.0
1.1
1.2
±50
±20
10
40
70
100
130
Temperature (oC)
C014
11.82
11.83
11.84
11.85
11.86
11.87
11.88
11.89
11.90
±50
±20
10
40
70
100
130
Temperature (oC)
C014
TPS25940A, TPS25940L
SLVSCF3A – JUNE 2014 – REVISED MARCH 2015
www.ti.com
Typical Characteristics (continued)
Conditions are –40°C
≤ TA = TJ ≤ 125°C, V(IN) = 12 V, V(EN/UVLO) = 2 V, V(OVP) = V(DEVSLP) = V(PGTH) = 0 V, R(ILIM) = 150 kΩ,
C(OUT) = 1 µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. (unless stated otherwise)
Figure 13. DEVSLP Pull Down Current vs Temperature
Figure 14. GAIN(dVdT) vs Temperature
Figure 15. Output Ramp Time vs C(dVdT)
Figure 16. Current Limit vs Current Limit Resistor
Figure 17. Current Limit Accuracy vs Current Limit
Figure 18. Current Limit vs Temperature Across R(ILIM)
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS25940A TPS25940L


Similar Part No. - TPS25940LRVCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940L-Q1 TI1-TPS25940L-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940L-Q1 TI-TPS25940L-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940LQRVCRQ1 TI1-TPS25940LQRVCRQ1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940LQRVCRQ1 TI-TPS25940LQRVCRQ1 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

Similar Description - TPS25940LRVCR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
[Old version datasheet]   TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
logo
Vishay Siliconix
SIP32433 VISHAY-SIP32433_V01 Datasheet
640Kb / 22P
   3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
15-Aug-2022
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
   2A Load Switch IC with True Reverse Current Blocking
2021-02-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com