Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40002DGQ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40002DGQ
Description  LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40002DGQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40002DGQ Datasheet HTML 2Page - Texas Instruments TPS40002DGQ Datasheet HTML 3Page - Texas Instruments TPS40002DGQ Datasheet HTML 4Page - Texas Instruments TPS40002DGQ Datasheet HTML 5Page - Texas Instruments TPS40002DGQ Datasheet HTML 6Page - Texas Instruments TPS40002DGQ Datasheet HTML 7Page - Texas Instruments TPS40002DGQ Datasheet HTML 8Page - Texas Instruments TPS40002DGQ Datasheet HTML 9Page - Texas Instruments TPS40002DGQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TPS40000, TPS40001
TPS40002, TPS40003
TPS40004, TPS40005
SLUS507D − JANUARY 2002 − REVISED NOVEMBER 2005
6
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BOOT
10
O
Provides a bootstrapped supply for the topside MOSFET driver, enabling the gate of the topside
MOSFET to be driven above the input supply rail
COMP
3
O
Output of the error amplifier
FB
2
I
Inverting input of the error amplifier. In normal operation the voltage at this pin is the internal reference level of 700 mV.
GND
5
Power supply return for the device. The power stage ground return on the board requires a separate path from other
sensitive signal ground returns.
HDRV
9
O
This is the gate drive output for the topside N-channel MOSFET. HDRV is bootstrapped to near 2
×VDD for good en-
hancement of the topside MOSFET.
ILIM
1
I
A resistor is connected between this pin and VDD to set up the over current threshold voltage. A 15-
µA current sink at
the pin establishes a voltage drop across the external resistor that represents the drain-to-source voltage across the
top side N-channel MOSFET during an over current condition. The ILIM over current comparator is blanked for the
first 100 ns to allow full enhancement of the top
MOSFET. Set the ILIM voltage level such that it is within 800 mV of VDD; that is, (VDD − 0.8) ≤ IILIM ≤ VDD.
LDRV
6
O
Gate drive output for the low-side synchronous rectifier N-channel MOSFET
SS/SD
4
I
Soft-start and overcurrent fault shutdown times are set by charging and discharging a capacitor connected to this pin.
A closed loop soft-start occurs when the internal 3-
µA current source charges the external capacitor from 0.17 V to
0.70 V. During the soft-start period, the current sink capability of the TPS40001 and TPS40003 is disabled. When the
SS/SD voltage is less than 0.12 V, the device is shutdown and the HDRV and LDRV are driven low. In normal opera-
tion, the capacitor is charged to 1.5 V. When a fault condition is asserted, the HDRV is driven low, and the LDRV is
driven high. The soft-start capacitor goes through six charge/discharge cycles, restarting the converter on the seventh
cycle.
SW
8
O
Connect to the switched node on the converter. This pin is used for overcurrent sensing in the topside N-channel
MOSFET, zero current sensing in synchronous rectifier N-channel MOSFET, and level sensing for predictive delay
circuit. Overcurrent is determined, when the topside N-channel MOSFET is on, by comparing the voltage on SW with
respect to VDD and the voltage on the ILIM with respect to VDD. Zero current is sensed, when the rectifier N-channel
MOSFET is on, by measuring the voltage on SW with respect to ground. Zero current sensing applies to the
TPS40000/2 devices only.
VDD
7
I
Power input for the chip, 5.5-V maximum. Decouple close to the pin with a low-ESR capacitor, 1-
µF or larger.


Similar Part No. - TPS40002DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40002DGQ TI-TPS40002DGQ Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40002DGQ TI-TPS40002DGQ Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40002DGQG4 TI-TPS40002DGQG4 Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40002DGQR TI-TPS40002DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40002DGQRG4 TI-TPS40002DGQRG4 Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40002DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
[Old version datasheet]   ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
Global Mixed-mode Techn...
G5217 GMT-G5217 Datasheet
76Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
G5207 GMT-G5207 Datasheet
354Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com