Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA3690 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA3690
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA3690 Datasheet(HTML) 5 Page - Texas Instruments

  OPA3690 Datasheet HTML 1Page - Texas Instruments OPA3690 Datasheet HTML 2Page - Texas Instruments OPA3690 Datasheet HTML 3Page - Texas Instruments OPA3690 Datasheet HTML 4Page - Texas Instruments OPA3690 Datasheet HTML 5Page - Texas Instruments OPA3690 Datasheet HTML 6Page - Texas Instruments OPA3690 Datasheet HTML 7Page - Texas Instruments OPA3690 Datasheet HTML 8Page - Texas Instruments OPA3690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
OPA690
5
SBOS223A
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, (see Figure 1 for AC performance only), unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
0.7
10
100
700
6
3
0
–3
–6
–9
–12
–15
V
O = 0.5Vp-p
G = +1
R
F = 25Ω
G = 2
G = 5
G = 10
LARGE-SIGNAL FREQUENCY RESPONSE
10
0.5
1
100
500
Frequency (MHz)
9
6
3
0
–3
–6
V
O = 4Vp-p
V
O = 7Vp-p
V
O = 2Vp-p
V
O = 1Vp-p
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
400
300
200
100
0
–100
–200
–300
–400
G = +2
V
O = 0.5Vp-p
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
+4
+3
+2
+1
0
–1
–2
–3
–4
G = +2
V
O = 5Vp-p
COMPOSITE VIDEO dG/dP
Number of 150
Ω Loads
12
3
4
0.2
0.175
0.15
0.125
0.1
0.075
0.05
0.025
0
dG
dG
dP
dP
No Pull-Down
With 1.3k
Ω Pull-Down
OPA690
402
–5V
+5V
75
Video In
402
Optional
1.3k
Pull-Down
DISABLE FEEDTHROUGH vs FREQUENCY
Frequency (Hz)
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
Forward
Reverse
V
DIS = 0
100k
1M
10M
100M


Similar Part No. - OPA3690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3690 TI-OPA3690 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA3690 TI1-OPA3690 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3690 TI-OPA3690 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3690 TI1-OPA3690 Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
logo
Burr-Brown (TI)
OPA3690 BURR-BROWN-OPA3690 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
More results

Similar Description - OPA3690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com