Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40004DGQR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS40004DGQR
Description  LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40004DGQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40004DGQR Datasheet HTML 3Page - Texas Instruments TPS40004DGQR Datasheet HTML 4Page - Texas Instruments TPS40004DGQR Datasheet HTML 5Page - Texas Instruments TPS40004DGQR Datasheet HTML 6Page - Texas Instruments TPS40004DGQR Datasheet HTML 7Page - Texas Instruments TPS40004DGQR Datasheet HTML 8Page - Texas Instruments TPS40004DGQR Datasheet HTML 9Page - Texas Instruments TPS40004DGQR Datasheet HTML 10Page - Texas Instruments TPS40004DGQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TPS40000, TPS40001
TPS40002, TPS40003
TPS40004, TPS40005
SLUS507D − JANUARY 2002 − REVISED NOVEMBER 2005
7
www.ti.com
functional block diagram
UDG−01142
15
µA
3
µA
7
BOOT
10
VDD
ILIM
1
3
SW
8
COMP
4
HDRV
9
SS/SD
5
LDRV
6
GND
UVLO
VDD
2 V
SOFT
START
0.12 V
SHUT DOWN
OSC
UVLO
DISCHARGE
SS ACTIVE
FAULT
COUNTER
PWM COMP
PWM
LOGIC
OC
THERMAL
SHUTDOWN
CLK
UVLO
PREDICTIVE
GATE
DRIVE
(VDD−1.2 V)
CURRENT
LIMIT COMP
LDRV
RECTIFIER
ZERO−CURRENT
COMPARATOR
VDD
PWM
LO
VDD
HI
FAULT
LDRV
100 ns DELAY
EN
EN
75 ns
DELAY
2
FB
+
REF
ERROR AMPLIFIER
0.7 V
+


Similar Part No. - TPS40004DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40004DGQ TI-TPS40004DGQ Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40004DGQ TI-TPS40004DGQ Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40004DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
[Old version datasheet]   ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
Global Mixed-mode Techn...
G5217 GMT-G5217 Datasheet
76Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
G5207 GMT-G5207 Datasheet
354Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com